Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HK Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # HK
Description  INTELLIGENT PASSIVE TRANSMITTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

HK Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  HK Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. HK Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. HK Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. HK Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
HK series
2013.10.09- A/3
Page 4 of4
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specifications.
2. Max. Capacitive Load is tested at nominal input voltage and full load.
3. Unless otherwise noted, All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform differently. Please contact our technical support for more detail.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
In the circuit of figure 4,
Sensor signal is converted into digital signals through the ADC, then sent to the current loop DAC and HART
modulator through MCU, form 4~20 mA signal output. Current loop DAC takes electricity from the PLC bus of output 4~20 mA, output 3.3 V and
2.5 V through the built-in voltage regulator, supply a small amount of power for MCU and HART modulator.
In the transmission of figure 4, there are ground electric potential differences between two-wire system instrument and PLC on the far side,
introducing the common mode interference. The disturbance causes the transmission error of 4~20 mA, and affects the normal communication
HART bus. If the common mode interference is too large (over the voltage range of the components in the common-mode), it may cause damage
in the internal instrument of two wire devices.
Signal transmission mode of isolated two-wire system
(Figure 5)
Due to the potential risks based on the different ground, you can isolate the MCU and the current loop DAC and HART modulator by digital
isolation. Current loop DAC and HART modulator is floating form. They make the high impedance formed to two ground potential between two-
wire instrument and PLC system, reduce the loop current between the ground wire, and electrical isolation between two devices, so as to eliminate
the hidden trouble of common mode interference.
The two-wire instrument goes without additional power supply port. The power supply takes power through the 4-20mA loop. After the isolation
mode,2.5V power of HART modulator is still formed from the built-in voltage regulator of loop DAC regulator, but the power supply for the 3.3V
MCU system is a difficult problem. A better solution is to connect witha voltage stabilizing diode in the 4-20mA circuit as shown in Figure 5. Then
you can use HK module of MORNSUN to isolated and output 3.3Vpower to the MCU power system. Using the HK module and digital isolation
circuit made by MORNSUN, you can realize the electrical isolation of two-wire instrument and PLC system .It avoids the measuring error of the
system and damaging equipment caused by ground potential, and it further enhances the reliability of the system.
trans duc er
ADC
MCU
3.3V
2.5V
H A R T m o d ula tor
volt age
regulstor
curr ent loop
DAC
tw o w ire in stru m e nt
4 -20mA
24V
RL
PLC
Dig ital
iso lat ion
H K
D


Similar Description - HK

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
HK5S03BL MORNSUN-HK5S03BL Datasheet
181Kb / 2P
   APPLICATION OF INTELLIGENT PASSIVE TRANSMITTER
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
   User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
   PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Tripp Lite. All Rights ...
B1401P1WP1 TRIPPLITE-B1401P1WP1 Datasheet
489Kb / 2P
   DVI over Cat5-Cat6 Passive Extender Wallplate Kit, Transmitter and Receiver, 1920x1080 60Hz
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
List of Unclassifed Man...
MF312 ETC2-MF312 Datasheet
66Kb / 1P
   Passive Modulartaskopfe/ Passive Modular Probes
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
   Intelligent MP
logo
Good Will Instrument Co...
GFC-8270H GWINSTEK-GFC-8270H Datasheet
486Kb / 1P
   INTELLIGENT COUNTER
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
   Intelligent MP
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
   Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com