Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL2D-10-822 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # FL2D-10-822
Description  Common Mode Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FL2D-10-822 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  FL2D-10-822 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FL2D-10-822 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without prior notice
FL2D-XX-XXX
2013.05.27-A/2
Page 1 of 2
FL2D-XX-XXX Series
Common Mode Filter
This model applies to analog Circuit w
hich is noise-sensitive.
FL2D-XX-XXX put on to the input of module can substantially reduce the
ripple and noise of the output
module. ,and it can substantially improve
the EMS performance
RoHS
FEATURES
1. Compact size
2. Low Temperature Rise
SELECTION GUIDE
Model
Inductance
(
μH)(typ)
Current (A)(max)
DCR(m
Ω) (typ)
Weight (g) (typ)
Size(L*W*H) (max)
FL2D-Z5-103
10000*2
0.5
500*2
3.5
See Figure 1
FL2D-Z5-153
15000*2
0.5
600*2
3.5
See Figure 1
FL2D-10-102
1000*2
1
50*2
3.5
See Figure 1
FL2D-10-222
2200*2
1
60*2
3.5
See Figure 1
FL2D-10-332
3300*2
1
80*2
3.5
See Figure 1
FL2D-10-472
4700*2
1
140*2
6.5
See Figure 2
FL2D-10-682
6800*2
1
160*2
6.5
See Figure 2
FL2D-10-822
8200*2
1
180*2
6.5
See Figure 2
FL2D-30-102
1000*2
3
40*2
3.5
See Figure 1
FL2D-30-222
2200*2
3
42*2
3.5
See Figure 1
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Inductance error range fo=10KHz,Uo=0.1V
-35
--
--
%
Withstand voltage
Leakage current Io=1mA
--
--
2000
VDC
Storage Humidity
--
--
95
%
Operating Temperature
-40
--
85
Storage Temperature
-55
--
125
Soldering Temperature 1.5mm from skeleton for 10 seconds
--
--
300
Note: All specifications measured at Ta=25
°C, humidity<75% unless otherwise specified.
INSIDE SCHEMATIC
1
2
4
3
APPLY CIRCUIT
CON VERTER
+Vin(L)
-Vin(N)
FL2D-XX-XXX


Similar Part No. - FL2D-10-822

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
FL2D-2M-Z COPAL-FL2D-2M-Z Datasheet
340Kb / 2P
   Hyper-miniature Lever & Rocker Switches
FL2D-5M-Z COPAL-FL2D-5M-Z Datasheet
340Kb / 2P
   Hyper-miniature Lever & Rocker Switches
More results

Similar Description - FL2D-10-822

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
   Common Mode Filter
logo
LinkCom Manufacturing C...
LTC0551-50R LINKCOM-LTC0551-50R Datasheet
101Kb / 2P
   Common Mode Filter
LTC0361-50R LINKCOM-LTC0361-50R Datasheet
90Kb / 2P
   Common Mode Filter
LTC0535-50R LINKCOM-LTC0535-50R Datasheet
104Kb / 2P
   Common Mode Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com