Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN221D-05A Datasheet(PDF) 2 Page - Fuji Electric

Part # EN221D-05A
Description  Z-TRAP ENE(Nominal varistor voltage 200 to 470V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

EN221D-05A Datasheet(HTML) 2 Page - Fuji Electric

  EN221D-05A Datasheet HTML 1Page - Fuji Electric EN221D-05A Datasheet HTML 2Page - Fuji Electric EN221D-05A Datasheet HTML 3Page - Fuji Electric EN221D-05A Datasheet HTML 4Page - Fuji Electric EN221D-05A Datasheet HTML 5Page - Fuji Electric EN221D-05A Datasheet HTML 6Page - Fuji Electric EN221D-05A Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image


Similar Part No. - EN221D-05A

ManufacturerPart #DatasheetDescription
logo
Energizer
EN22 ENERGIZER-EN22 Datasheet
168Kb / 2P
   9.0 Volts 45.6 grams (1.6 oz.) 21.1 cubic centimeters (1.3 cubic inch)
EN22 ENERGIZER-EN22 Datasheet
250Kb / 1P
   to 4.8 volts at 21C
logo
Sanken electric
EN220A SANKEN-EN220A Datasheet
315Kb / 7P
   Schottky Barrier Diode
logo
Sanyo Semicon Device
EN2262E SANYO-EN2262E Datasheet
486Kb / 10P
   High-Voltage Switching Applications
logo
Energizer
EN22 ENERGIZER-EN22_17 Datasheet
250Kb / 1P
   to 4.8 volts at 21C
More results

Similar Description - EN221D-05A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ENF221D05A FUJI-ENF221D05A Datasheet
377Kb / 7P
   220 TO 680V (VARISTOR VOLTAGE)
logo
List of Unclassifed Man...
HRS2 ETC-HRS2 Datasheet
138Kb / 5P
   Nominal Voltage 3 VDC to 24 VDC
18/11/04
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P Datasheet
1Mb / 14P
   Varistor Products - Low to Medum Voltage, Radial Lead
logo
Stackpole Electronics, ...
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
logo
Festo Corporation.
564871 FESTO-564871 Datasheet
77Kb / 1P
   Water trap
4/5/22
logo
Stackpole Electronics, ...
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
logo
ECS, Inc.
XT4.5MB ECS-XT4.5MB Datasheet
189Kb / 2P
   CERAMIC TRAP
logo
TOKO, Inc
TP98-A0-001C TOKO-TP98-A0-001C Datasheet
135Kb / 1P
   Ceramic Trap
logo
Festo Corporation.
564873 FESTO-564873 Datasheet
77Kb / 1P
   Water trap
4/5/22
564868 FESTO-564868 Datasheet
77Kb / 1P
   Water trap
4/5/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com