Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1209 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1209
Description  Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1209 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1209 Datasheet HTML 3Page - Texas Instruments ADS1209 Datasheet HTML 4Page - Texas Instruments ADS1209 Datasheet HTML 5Page - Texas Instruments ADS1209 Datasheet HTML 6Page - Texas Instruments ADS1209 Datasheet HTML 7Page - Texas Instruments ADS1209 Datasheet HTML 8Page - Texas Instruments ADS1209 Datasheet HTML 9Page - Texas Instruments ADS1209 Datasheet HTML 10Page - Texas Instruments ADS1209 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
CLKIN
OUTx
CLKOUT
t
2
t
1
t
3
t
D3
t
H1
t
D1
t
4
t
D2
ADS1209
www.ti.com
SBAS491 – FEBRUARY 2010
PARAMETER MEASUREMENT INFORMATION
Figure 1. ADS1209 Timing Diagram
TIMING CHARACTERISTICS
(1)
Over the recommended operating ambient temperature range of –40°C to +105°C, AVDD = 5V, and BVDD = 2.7V to 5V, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
t1
CLKIN period
CLKSEL = 0
41.6
1000
ns
t2
CLKIN high time
CLKSEL = 0
10
t1 – 10
ns
CLKSEL = 0
2 × t1
ns
t3
CLKOUT period
CLKSEL = 1
83
125
ns
t4
CLKOUT high time
(t3/2) – 5
(t3/2) + 5
ns
tD1
CLKIN rising edge to CLKOUT falling edge delay
CLKSEL = 0
10
ns
tD2
CLKIN rising edge to CLKOUT rising edge delay
CLKSEL = 0
10
ns
CLKSEL = 0
t2 + 7
ns
tD3
CLKOUT rising edge to new data valid delay
CLKSEL = 1
(t3/4) + 8
ns
CLKSEL = 0
t2 – 3
ns
tH1
Data valid hold time referred to rising CLKOUT edge
CLKSEL = 1
(t3/4) – 8
ns
(1)
All input signals are specified with tR = tF = 1.5ns (10% to 90% of BVDD) and timed from a voltage level of (VIL + VIH)/2.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1209


Similar Part No. - ADS1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209 TI-ADS1209 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPW TI-ADS1209SPW Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPW TI-ADS1209SPW Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1209SPWR TI-ADS1209SPWR Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results

Similar Description - ADS1209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1209 TI-ADS1209_15 Datasheet
966Kb / 23P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205 Datasheet
300Kb / 22P
[Old version datasheet]   TWO 1-BIT, 10MHz, 2nd-ORDER DELTA-SIGMA MODULATORS
ADS1205 TI1-ADS1205 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-bit, 10Mhz, 2nd Order Delta-sigma Modulators
ADS1209 TI-ADS1209 Datasheet
432Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI-ADS1205_15 Datasheet
850Kb / 29P
[Old version datasheet]   Two 1-Bit, 10MHz,2nd-Order Delta-sigma Modulators
ADS1209 TI-ADS1209_1 Datasheet
415Kb / 20P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1205 TI1-ADS1205_14 Datasheet
1Mb / 30P
[Old version datasheet]   Two 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI-ADS1204_15 Datasheet
968Kb / 28P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204 Datasheet
812Kb / 27P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
ADS1204 TI1-ADS1204_14 Datasheet
1Mb / 29P
[Old version datasheet]   Four 1-Bit, 10MHz, 2nd-Order Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com