Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10080 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC10080
Description  10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10080 Datasheet(HTML) 1 Page - Texas Instruments

  ADC10080_14 Datasheet HTML 1Page - Texas Instruments ADC10080_14 Datasheet HTML 2Page - Texas Instruments ADC10080_14 Datasheet HTML 3Page - Texas Instruments ADC10080_14 Datasheet HTML 4Page - Texas Instruments ADC10080_14 Datasheet HTML 5Page - Texas Instruments ADC10080_14 Datasheet HTML 6Page - Texas Instruments ADC10080_14 Datasheet HTML 7Page - Texas Instruments ADC10080_14 Datasheet HTML 8Page - Texas Instruments ADC10080_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADC10080
www.ti.com
SNAS177G – MAY 2004 – REVISED FEBRUARY 2008
ADC10080 10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
Check for Samples: ADC10080
1
FEATURES
APPLICATIONS
2
Single +3.0V operation
Ultrasound and Imaging
Selectable full-scale input swing
Instrumentation
400 MHz
−3 dB input bandwidth
Cellular Base Stations/Communications
Receivers
Low power consumption
Sonar/Radar
Standby mode
xDSL
On-chip reference and sample-and-hold
amplifier
Wireless Local Loops
Offset binary or two’s complement data format
Data Acquisition Systems
Separate adjustable output driver supply
DSP Front Ends
DESCRIPTION
The ADC10080 is a monolithic CMOS analog-to-digital converter capable of converting analog input signals into
10-bit digital words at 80 Megasamples per second (MSPS). This converter uses a differential, pipeline
architecture with digital error correction and an on-chip sample-and-hold circuit to provide a complete conversion
solution and to minimize power consumption, while providing excellent dynamic performance. A unique sample-
and-hold stage yields a full-power bandwidth of 400 MHz. Operating on a single 3.0V power supply, this device
consumes just 78.6 mW at 80 MSPS, including the reference current. The Standby feature reduces power
consumption to just 15 mW.
The differential inputs provide a full scale selectable input swing of 2.0 VP-P, 1.5 VP-P, 1.0 VP-P, with the possibility
of a single-ended input. Full use of the differential input is recommended for optimum performance. An internal
+1.2V precision bandgap reference is used to set the ADC full-scale range, and also allows the user to supply a
buffered referenced voltage for those applications requiring increased accuracy. The output data format is user
choice of offset binary or two’s complement.
This device is available in the 28-lead TSSOP package and will operate over the industrial temperature range of
−40°C to +85°C.
Table 1. Key Specifications
VALUE
UNIT
Resolution
10
Bits
Conversion Rate
80
MSPS
Full Power Bandwidth
400
MHz
DNL
±0.25
LSB (typ)
SNR (fIN = 10 MHz)
59.5
dB (typ)
SFDR (fIN = 10 MHz)
−78.7
dB (typ)
Power Consumption, 80 Msps
78.6
mW
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC10080_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
More results

Similar Description - ADC10080_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10080 NSC-ADC10080 Datasheet
927Kb / 19P
   10-Bit, 80 MSPS, 3V, 78.6 mW A/D Converter
ADC10040 NSC-ADC10040 Datasheet
914Kb / 19P
   10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
Texas Instruments
ADC10080 TI1-ADC10080_15 Datasheet
1Mb / 26P
[Old version datasheet]   78.6 mW A/D Converter
logo
Analog Devices
AD9215 AD-AD9215 Datasheet
1Mb / 36P
   10-Bit, 65/80/105 MSPS, 3V A/D Converter
REV. A
AD9200 AD-AD9200 Datasheet
338Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
AD9200 AD-AD9200_15 Datasheet
341Kb / 24P
   Complete 10-Bit, 20 MSPS, 80 mW CMOS A/D Converter
REV. E
logo
Texas Instruments
ADC10040 TI1-ADC10040_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC10040/ADC10040Q 10-Bit, 40 MSPS, 3V, 55.5 mW A/D Converter
logo
List of Unclassifed Man...
SPT7868 ETC1-SPT7868 Datasheet
47Kb / 5P
   10-BIT,80 MSPS A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com