Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC141S625 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC141S625
Description  14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC141S625 Datasheet(HTML) 4 Page - Texas Instruments

  ADC141S625_14 Datasheet HTML 1Page - Texas Instruments ADC141S625_14 Datasheet HTML 2Page - Texas Instruments ADC141S625_14 Datasheet HTML 3Page - Texas Instruments ADC141S625_14 Datasheet HTML 4Page - Texas Instruments ADC141S625_14 Datasheet HTML 5Page - Texas Instruments ADC141S625_14 Datasheet HTML 6Page - Texas Instruments ADC141S625_14 Datasheet HTML 7Page - Texas Instruments ADC141S625_14 Datasheet HTML 8Page - Texas Instruments ADC141S625_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADC141S625
SNAS434A – NOVEMBER 2007 – REVISED JANUARY 2009
www.ti.com
ADC141S626 Converter Electrical Characteristics
(1)
The following specifications apply for VA = VIO = VREF = +2.7V to 5.5V and fSCLK = 0.9 to 3.6 MHz or VA = VIO = VREF = +4.5V
to 5.5V and fSCLK = 3.6 to 4.5 MHz; fIN = 20 kHz and CL = 25 pF, unless otherwise noted. Boldface limits apply for TA = TMIN
to TMAX; all other limits are at TA = 25°C.
Symbol
Parameter
Conditions
Typical
Limits
Units
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
14
Bits
INL
Integral Non-Linearity
±0.5
±0.95
LSB (max)
DNL
Differential Non-Linearity
±0.5
±0.95
LSB (max)
OE
Offset Error
−1
±5
LSB (max)
Positive Full-Scale Error
−3
±7
LSB (max)
FSE
Negative Full-Scale Error
0.5
±4
LSB (max)
Positive Gain Error
−1.5
±6
LSB (max)
GE
Negative Gain Error
1.5
±6
LSB (max)
DYNAMIC CONVERTER CHARACTERISTICS
VA = VIO = VREF = +3V, −0.1 dBFS
81.9
80.1
dBc (min)
SINAD
Signal-to-Noise Plus Distortion Ratio
VA = VIO = VREF = +5V, −0.1 dBFS
84.2
82
dBc (min)
VA = VIO = VREF = +3V, −0.1 dBFS
82
80.2
dBc (min)
SNR
Signal-to-Noise Ratio
VA = VIO = VREF = +5V, −0.1 dBFS
84.3
82
dBc (min)
VA = VIO = VREF = +3V, −0.1 dBFS
−102
dBc
THD
Total Harmonic Distortion
VA = VIO = VREF = +5V, −0.1 dBFS
−102
dBc
VA = VIO = VREF = +3V, −0.1 dBFS
97
dBc
SFDR
Spurious-Free Dynamic Range
VA = VIO = VREF = +5V, −0.1 dBFS
101
dBc
VA = VIO = VREF = +3V, −0.1 dBFS
13.3
13.0
bits (min)
ENOB
Effective Number of Bits
VA = VIO = VREF = +5V, −0.1 dBFS
13.7
13.3
bits (min)
Differential
26
MHz
Input
Output at 70.7%FS
FPBW
−3 dB Full Power Bandwidth
with FS Input
Single-Ended
22
MHz
Input
ANALOG INPUT CHARACTERISTICS
−VREF
V (min)
VIN
Differential Input Range
+VREF
V (max)
IDCL
DC Leakage Current
VIN = VREF or VIN = -VREF
±1
µA (max)
In Acquisition Mode
30
pF
CINA
Input Capacitance
In Conversion Mode
3
pF
See the Specification Definitions for the
CMRR
Common Mode Rejection Ratio
76
dB
test condition
DIGITAL INPUT CHARACTERISTICS
VIH
Input High Voltage
VIO = +2.7V to 5.5V
1.9
2.3
V (min)
VIL
Input Low Voltage
VIO = +2.7V to 5.5V
1.0
0.7
V (max)
IIN
Input Current
VIN = 0V or VA
±1
µA (max)
CIND
Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
ISOURCE = 200 µA
VA − 0.05
VA − 0.2
V (min)
VOH
Output High Voltage
ISOURCE = 1 mA
VA − 0.16
V
ISINK = 200 µA
0.01
0.4
V (max)
VOL
Output Low Voltage
ISINK = 1 mA
0.05
V
IOZH, IOZL TRI-STATE Leakage Current
Force 0V or VA
±1
µA (max)
COUT
TRI-STATE Output Capacitance
Force 0V or VA
2
4
pF (max)
(1)
Typical values are at TJ = 25°C and represent most likely parametric norms. Test limits are guaranteed to National's AOQL (Average
Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: ADC141S625


Similar Part No. - ADC141S625_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S626 TI1-ADC141S626 Datasheet
1Mb / 29P
[Old version datasheet]   Micro Power A/D Converter
logo
National Semiconductor ...
ADC141S626CIMM NSC-ADC141S626CIMM Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC141S626CIMM/NOPB TI1-ADC141S626CIMM/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   Micro Power A/D Converter
logo
National Semiconductor ...
ADC141S626CIMMX NSC-ADC141S626CIMMX Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
More results

Similar Description - ADC141S625_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC141S626 NSC-ADC141S626 Datasheet
519Kb / 20P
   14-Bit, 50 kSPS to 250 kSPS, Differential Input, Micro Power A/D Converter
ADC121S625 NSC-ADC121S625 Datasheet
1Mb / 20P
   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
logo
Texas Instruments
ADC121S625 TI1-ADC121S625_15 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S625 TI1-ADC121S625_14 Datasheet
1Mb / 31P
[Old version datasheet]   ADC121S625 12-Bit, 50 ksps to 200 ksps, Differential Input, Micro Power Sampling A/D Converter
ADC121S655 TI1-ADC121S655 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
National Semiconductor ...
ADC121S655 NSC-ADC121S655 Datasheet
536Kb / 22P
   12-Bit, 200 kSPS to 500 kSPS, Differential Input, Micro Power A/D Converter
logo
Texas Instruments
ADC121S705 TI1-ADC121S705 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 500 kSPS to 1 MSPS, Differential Input, Micro Power A/D Converter
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 NSC-ADC161S626 Datasheet
550Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com