Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC121C027 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC121C027
Description  I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121C027 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC121C027 Datasheet HTML 4Page - Texas Instruments ADC121C027 Datasheet HTML 5Page - Texas Instruments ADC121C027 Datasheet HTML 6Page - Texas Instruments ADC121C027 Datasheet HTML 7Page - Texas Instruments ADC121C027 Datasheet HTML 8Page - Texas Instruments ADC121C027 Datasheet HTML 9Page - Texas Instruments ADC121C027 Datasheet HTML 10Page - Texas Instruments ADC121C027 Datasheet HTML 11Page - Texas Instruments ADC121C027 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADC121C021, ADC121C021Q, ADC121C027
SNAS415F – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
A.C. and Timing Characteristics
The following specifications apply for VA = +2.7V to +5.5V. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are
at TA = 25°C, unless otherwise specified.
Units
Symbol
Parameter
Conditions(1)
Typical(2)
Limits(2)
(Limits)
CONVERSION RATE
Conversion Time
1
µs
fSCL = 100kHz
5.56
ksps
fSCL = 400kHz
22.2
ksps
fCONV
Conversion Rate
fSCL = 1.7MHz
94.4
ksps
fSCL = 3.4MHz
188.9
ksps
DIGITAL TIMING SPECS (SCL, SDA)
Standard Mode
100
kHz (max)
Fast Mode
400
kHz (max)
fSCL
Serial Clock Frequency
High Speed Mode, Cb = 100pF
3.4
MHz (max)
High Speed Mode, Cb = 400pF
1.7
MHz (max)
Standard Mode
4.7
us (min)
Fast Mode
1.3
us (min)
tLOW
SCL Low Time
High Speed Mode, Cb = 100pF
160
ns (min)
High Speed Mode, Cb = 400pF
320
ns (min)
Standard Mode
4.0
us (min)
Fast Mode
0.6
us (min)
tHIGH
SCL High Time
High Speed Mode, Cb = 100pF
60
ns (min)
High Speed Mode, Cb = 400pF
120
ns (min)
Standard Mode
250
ns (min)
tSU;DAT
Data Setup Time
Fast Mode
100
ns (min)
High Speed Mode
10
ns (min)
0
us (min)
Standard Mode(3)
3.45
us (max)
0
us (min)
Fast Mode(3)
0.9
us (max)
tHD;DAT
Data Hold Time
0
ns (min)
High Speed Mode, Cb = 100pF
70
ns (max)
0
ns (min)
High Speed Mode, Cb = 400pF
150
ns (max)
Standard Mode
4.7
us (min)
Setup time for a start or a repeated
tSU;STA
Fast Mode
0.6
us (min)
start condition
High Speed Mode
160
ns (min)
Standard Mode
4.0
us (min)
Hold time for a start or a repeated start
tHD;STA
Fast Mode
0.6
us (min)
condition
High Speed Mode
160
ns (min)
Bus free time between a stop and start
Standard Mode
4.7
us (min)
tBUF
condition
Fast Mode
1.3
us (min)
Standard Mode
4.0
us (min)
tSU;STO
Setup time for a stop condition
Fast Mode
0.6
us (min)
High Speed Mode
160
ns (min)
Standard Mode
1000
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
trDA
Rise time of SDA signal
10
ns (min)
High Speed Mode, Cb = 100pF
80
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
160
ns (max)
(1)
Cb refers to the capacitance of one bus line. Cb is expressed in pF units.
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are specified to TI's AOQL (Average Outgoing
Quality Level).
(3)
The ADC121C021 will provide a minimum data hold time of 300ns to comply with the I2C Specification.
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC121C021 ADC121C021Q ADC121C027


Similar Part No. - ADC121C027

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C027 NSC-ADC121C027 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C027 TI-ADC121C027 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC121C027 TI1-ADC121C027 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C027CIMK NSC-ADC121C027CIMK Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C027CIMK/NOPB TI1-ADC121C027CIMK/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
More results

Similar Description - ADC121C027

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com