Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC121C021 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC121C021
Description  I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC121C021 Datasheet(HTML) 2 Page - Texas Instruments

  ADC121C021_14 Datasheet HTML 1Page - Texas Instruments ADC121C021_14 Datasheet HTML 2Page - Texas Instruments ADC121C021_14 Datasheet HTML 3Page - Texas Instruments ADC121C021_14 Datasheet HTML 4Page - Texas Instruments ADC121C021_14 Datasheet HTML 5Page - Texas Instruments ADC121C021_14 Datasheet HTML 6Page - Texas Instruments ADC121C021_14 Datasheet HTML 7Page - Texas Instruments ADC121C021_14 Datasheet HTML 8Page - Texas Instruments ADC121C021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
SDA
SCL
Lowest Conversion
Configuration
I
2C Serial Interface
ADC121C021/
ADC121C027
Conversion Result
High Limit
Low Limit
Pointer
Register
and
Decode
Logic
Alert
Set-Point
Comparator
ADDR*
Highest Conversion
12-Bit
Successive
Approximation
ADC
GND
VA
Hysteresis
VIN
Alert Status
ALERT*
T/H
Oscillator
REF
* Note: The ADC121C021 has the ALERT pin but no ADDR pin.
The ADC121C027 has the ADDR pin but no ALERT pin.
ALERT
SCL
SDA
V
IN
V
A
GND
1
2
3
5
4
6
ADC121C021/ADC121C021Q
ADDR
SCL
SDA
V
IN
V
A
GND
1
2
3
5
4
6
ADC121C027
ALERT
SDA
ADR1
V
A
GND
1
2
4
7
8
3
SCL
6
5
V
IN
ADC121C021
ADR0
ADC121C021, ADC121C021Q, ADC121C027
SNAS415F – JANUARY 2008 – REVISED MARCH 2013
www.ti.com
Pin-Compatible Alternatives (All devices are fully pin and function compatible across resolution)
Resolution
SOT (Alert only) and VSSOP
SOT (Addr only)
12-bit
ADC121C021
ADC121C027
10-bit
ADC101C021
ADC101C027
8-bit
ADC081C021
ADC081C027
Connection Diagrams
Figure 1. 6-Pin SOT
Figure 2. 6-Pin SOT
Figure 3. 8-Pin VSSOP
See DDC Package
See DDC Package
See DGK Package
Block Diagram
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: ADC121C021 ADC121C021Q ADC121C027


Similar Part No. - ADC121C021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
More results

Similar Description - ADC121C021_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC121C081 NSC-DAC121C081 Datasheet
681Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
DAC121C081 NSC-DAC121C081_08 Datasheet
683Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com