Electronic Components Datasheet Search |
|
F1205D-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd. |
|
F1205D-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd. |
3 / 5 page DC/DC Converter E_D-1WR2 & F_D-1WR2 series 2014.02.20-A/0 Page 3 of5 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation Storage Humidity Non-condensing -- -- 95 % Switching Frequency 100% load, nominal input voltage -- 100 300 KHz MTBF MIL-HDFK-217F@25℃ 3500 -- -- K hours Physical Specifications Casing Material Epoxy resin (UL94-V0) Dimensions 20.00*10.00*7.00mm Weight 2.1g(Typ.) Cooling Free convection EMC Specifications EMI Conducted emission CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit) Radiated emission CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit) EMS Electrostatic discharge E_D-1WR2 IEC/EN61000-4-2 Contact ±6KV perf. Criteria B F_D-1WR2 IEC/EN61000-4-2 Contact ±8KV perf. Criteria B Product Characteristic Curve Tolerance Envelope Graph +10% +5% 50 100 +2.5% -2.5% -7.5% Rated Output Voltage Output Current Percentage(%) Typical Loa d C urve 70 (Nominal Input Voltage) Fig.1 120 100 80 60 40 20 0 Ambient Temp.() ℃ Temperature Derating Graph Safe Operating Area 40 0 40 85 105 120 Fig.2 E0505D-1WR2 F0505D-1WR2 50 55 60 65 70 75 80 85 90 95 100 Input Voltage (V) Efficiency Vs Input Voltage (Full Load) E0505D-1WR2 F0505D-1WR2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 Output Current Percentage (%) Efficiency Vs Output Load(Vin=Vin-nominal) E1205D-1WR2 F1205D-1WR2 50 55 60 65 70 75 80 85 90 95 100 Input Voltage (V) Efficiency Vs Input Voltage (Full Load) E0505D-1WR2 F0505D-1WR2 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 50 60 70 80 90 100 Output Current Percentage(%) Efficiency Vs Output Load(Vin=Vin-nominal) |
Similar Part No. - F1205D-1WR2 |
|
Similar Description - F1205D-1WR2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |