Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1215S-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # A1215S-1WR2
Description  DC/DC Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1215S-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  A1215S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1215S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1215S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1215S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1215S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DC/DC Converter
A_S-1W(E)R2 & B_LS-1W(E)R2 Series
2014.03.03-A/3
Page 3 of5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage
change: ±1%
3.3VDC output
--
--
±1.5
%
Other output
--
--
±1.2
Load Regulation
10%-100% load
3.3VDC output
--
18
--
5VDC output
--
12
--
9VDC output
--
9
--
12VDC output
--
8
--
15VDC output
--
7
--
24VDC output
--
6
--
Ripple & Noise*
20MHz bandwidth
--
60
--
mVp-p
Temperature Drift Coefficient
100% load
--
--
±0.03
%/℃
Output Short Circuit Protection**
A_S-1WER2 & B_LS-1WER2 series
--
--
1
s
A_S-1WR2 & B_LS-1WR2 series
Continuous, self-recovery
Note: * Ripple and noise tested with “parallel cable” method, please see DC-DC Converter Application Notes for specific operation methods.
**Supply voltage must be discontinued at the end of short circuit duration for A_S-1WER2 & B_LS-1WER2 series.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Insulation Voltage
Input-output, with the test time of 1 minute and the leak
current lower than 1mA
1500
--
--
VDC
Insulation Resistance
Input-output, insulation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating if the temperature ≥85°C, (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
25
--
Hand Soldering
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Pin Welding Resistance Temperature
Non-condensing
--
--
95
%
Switching Frequency
100% load, nominal input voltage
--
100
300
KHz
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Package Dimensions
19.50*9.30*6.00 mm
Weight
2.4g(Typ.)
Cooling methods
Free air convection
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS B (see Fig. 4 for recommended circuit)
EMS
Electrostatic
discharge
A_S-1W(E)R2
IEC/EN61000-4-2
Contact ±6KV
perf. Criteria B
B_LS-1W(E)R2
IEC/EN61000-4-2
Contact ±8KV
perf. Criteria B
Product Characteristic Curve
Tolerance Envelope Graph
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Output Voltage
Output Current Percentage(%)
Typical Load
Curve
70
(Nominal Input Voltage)
Fig.1
120
100
80
60
40
20
0
-40
0
40
105
Am bi ent Temp.()
Safe Operating Area
Temperature Derating Graph
85
50
Fig.2


Similar Part No. - A1215S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1215S-1WR2 MORNSUN-A1215S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1215S-1WR2 MORNSUN-A1215S-1WR2 Datasheet
265Kb / 5P
   DC/DC Converter
More results

Similar Description - A1215S-1WR2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com