Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC16V130 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC16V130
Description  16-Bit, 130 MSPS A/D Converter With LVDS Outputs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC16V130 Datasheet(HTML) 5 Page - Texas Instruments

  ADC16V130_14 Datasheet HTML 1Page - Texas Instruments ADC16V130_14 Datasheet HTML 2Page - Texas Instruments ADC16V130_14 Datasheet HTML 3Page - Texas Instruments ADC16V130_14 Datasheet HTML 4Page - Texas Instruments ADC16V130_14 Datasheet HTML 5Page - Texas Instruments ADC16V130_14 Datasheet HTML 6Page - Texas Instruments ADC16V130_14 Datasheet HTML 7Page - Texas Instruments ADC16V130_14 Datasheet HTML 8Page - Texas Instruments ADC16V130_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADC16V130
www.ti.com
SNAS458D – NOVEMBER 2008 – REVISED MAY 2010
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VA3.0)
−0.3V to 4.2V
Supply Voltage (VA1.8, VAD1.8, VDR)
−0.3V to 2.35V
Voltage at any Pin except D0-D15, OVR, OUTCLK, CLK, VIN
−0.3V to (VA3.0 +0.3V)
(Not to exceed 4.2V)
Voltage at CLK, VIN Pins
-0.3V to (VDR +0.3V)
(Not to exceed 2.35V)
Voltage at D0-D15, OR, OUTCLK Pins
0.3V to (VDR + 0.3V)
(Not to exceed 2.35V)
Input Current at any pin (3)
5 mA
Storage Temperature Range
-65°C to +150°C
Maximum Junction Temp (TJ)
+150°C
Thermal Resistance (
θJA)
20.4°C/W
Thermal Resistance (
θJC)
1.4°C/W
ESD Rating(4)
Machine Model
200 V
Human Body Model
2000 V
Soldering process must comply with National Semiconductor's Reflow Temperature Profile specifications. Refer to
www.national.com/packaging.(5)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
(3)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(4)
Human Body Model is 100 pF discharged through a 1.5 k
Ω resistor. Machine Model is 220 pF discharged through 0 Ω.
(5)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
(1) (2)
Specified Temperature Range:
-40°C to +85°C
3.0V Analog Supply Voltage Range: (VA3.0)
+2.7V to +3.6V
1.8V Supply Voltage Range: VA1.8, VAD1.8, VDR
+1.7V to +1.9V
Clock Duty Cycle
30/70 %
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(2)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC16V130


Similar Part No. - ADC16V130_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_15 Datasheet
1Mb / 31P
[Old version datasheet]   130 MSPS A/D Converter With LVDS Outputs
More results

Similar Description - ADC16V130_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC16V130 NSC-ADC16V130 Datasheet
585Kb / 24P
   16-Bit, 130 MSPS A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC16V130 TI1-ADC16V130_15 Datasheet
1Mb / 31P
[Old version datasheet]   130 MSPS A/D Converter With LVDS Outputs
ADC14DS080 TI1-ADC14DS080 Datasheet
1Mb / 36P
[Old version datasheet]   80 MSPS A/D Converter with Serial LVDS Outputs
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS080_0712 NSC-ADC14DS080_0712 Datasheet
592Kb / 28P
   Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
ADC12QS065 NSC-ADC12QS065 Datasheet
694Kb / 18P
   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com