Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D241515(N)D-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # D241515(N)D-1W
Description  UNREGULATED TWIN OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

D241515(N)D-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  D241515(N)D-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. D241515(N)D-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. D241515(N)D-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
D_(N)S-1W&D_(N)D-1W
A/4-2012
Page 1 of 3
D_(N)S-1W & D_(N)D-1W Series
1W, FIXED INPUT ISOLATED & UNREGULATED
TWIN OUTPUT DC-DC CONVERTER
RoHS
FEATURES
PRODUCT PROGRAM
Input
output
Voltage (VDC)
Current (mA)
Part
number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
Certificate
D050505(N)S-1W
5/5
100/100
10/10
70
UL
D050909(N)S-1W
9/9
56/56
6/6
76
UL
D051212S-1W
12/12
42/42
4/4
77
UL
D051515(N)S-1W
15/15
33/33
3/3
78
UL
D050505D-1W
5/5
100/100
10/10
70
UL
D050909D-1W
9/9
56/56
6/6
76
UL
D051212D-1W
12/12
42/42
4/4
77
UL
D051515D-1W
5
4.5-5.5
15/15
33/33
3/3
78
UL
D120505(N)S-1W
5/5
100/100
10/10
72
UL
D120909S-1W
9/9
56/56
6/6
78
UL
D121212(N)S-1W
12/12
42/42
4/4
78
UL
D121515S-1W
15/15
33/33
3/3
80
UL
D120505(N)D-1W
5/5
100/100
10/10
72
UL
D120909ND-1W
12
10.8-13.2
9/9
56/56
6/6
78
UL
D240505(N)S-1W
5/5
100/100
10/10
71
UL
D240909(N)S-1W
9/9
56/56
6/6
74
UL
D241212(N)S-1W
12/12
42/42
4/4
76
UL
D241515(N)S-1W*
15/15
33/33
3/3
76
UL
D240505D-1W
5/5
100/100
10/10
71
UL
D240909(N)D-1W
9/9
56/56
6/6
74
UL
D241212(N)D-1W
12/12
42/42
4/4
76
UL
D241515(N)D-1W
24
21.6-26.4
15/15
33/33
3/3
76
UL
Note:
1.Models listed with strike-through text have been officially discontinued.
2. D_NS/ND-1W series: No UL
COMMON SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
Storage humidity
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Lead temperature
1.5mm from case for 10 seconds
300
Temp. rise at full load
15
25
°C
Short circuit protection*
1
s
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
3500
k hours
D_(N)S-1W series
2.1
Weight
D_(N)D-1W series
2.5
g
● High Efficiency up to 80%
● Small Footprint
● 1KVDC Isolation
● Temperature Range: -40°C to +85°C
● Internal SMD Construction
● No External Component Required
● Industry Standard Pinout
● RoHS Compliance
APPLICATIONS
The D_(N)S-1W & D_(N)D-1W series are
specially designed for applications where a
group of polar power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (Voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (Isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
D050505S-1W
Product Series
Input Voltage
The 1st Output Voltage
Package Style
Rated Power
The 2nd Output Voltage
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - D241515(N)D-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
D241515ND-1W MORNSUN-D241515ND-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D241515NS-1W MORNSUN-D241515NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
D241515S-1W REICU-D241515S-1W Datasheet
2Mb / 1P
   1600VDC Isolated 1W Double Output SIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
D241515S-2W MORNSUN-D241515S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
D241515S-2W REICU-D241515S-2W Datasheet
1Mb / 1P
   1600VDC Isolated 2W Double Output SIP-Package
REV:3.1
More results

Similar Description - D241515(N)D-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XNM MICRODC-D-XNM Datasheet
418Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XM MICRODC-D-XM Datasheet
415Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XMS MICRODC-D-XMS Datasheet
391Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED UNREGULATED TWIN OUTPUT DC-DC CONVERTER
D-XNS-2W MICRODC-D-XNS-2W Datasheet
597Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
2D-XNS MICRODC-2D-XNS Datasheet
485Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
logo
MORNSUN Science& Techno...
D050505NS-1W MORNSUN-D050505NS-1W Datasheet
143Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D030505M-1W MORNSUN-D030505M-1W Datasheet
125Kb / 3P
   TWIN OUTPUT DC-DC CONVERTER
logo
Microdc power Technolog...
2D-XS MICRODC-2D-XS Datasheet
495Kb / 2P
   FIXED INPUT,ISOLATED&UNREGULATED Twin Output DC?뷗C Converter
logo
MORNSUN Science& Techno...
D050505S-2W MORNSUN-D050505S-2W Datasheet
248Kb / 2P
   TWIN OUTPUT DC-DC CONVERTER
D242323S-1W3-ZK MORNSUN-D242323S-1W3-ZK Datasheet
610Kb / 4P
   TWIN OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com