Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC14L040 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC14L040
Description  14-Bit, 40 MSPS, 235 mW A/D Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14L040 Datasheet(HTML) 3 Page - Texas Instruments

  ADC14L040 Datasheet HTML 1Page - Texas Instruments ADC14L040 Datasheet HTML 2Page - Texas Instruments ADC14L040 Datasheet HTML 3Page - Texas Instruments ADC14L040 Datasheet HTML 4Page - Texas Instruments ADC14L040 Datasheet HTML 5Page - Texas Instruments ADC14L040 Datasheet HTML 6Page - Texas Instruments ADC14L040 Datasheet HTML 7Page - Texas Instruments ADC14L040 Datasheet HTML 8Page - Texas Instruments ADC14L040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Output
Buffers
Duty Cycle
Stabilizer
Digital
Correction
14
14
D0-D13
24
3
Stage 1
Stage 11
Stage 10
Stage 9
Stage 3
Stage 2
S/H
Timing
Control
2
11-Stage Pipeline Converter
2
2
3
3
3
3
3
3
3
3
2
Internal
Reference
Reference
Select
VIN+
VIN-
VRP
VRM
VRN
CLK
VREF
ADC14L040
www.ti.com
SNAS311A – JUNE 2005 – REVISED APRIL 2006
Block Diagram
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC14L040


Similar Part No. - ADC14L040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040CIVY NSC-ADC14L040CIVY Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Texas Instruments
ADC14L040CIVY/NOPB TI1-ADC14L040CIVY/NOPB Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
logo
National Semiconductor ...
ADC14L040EVAL NSC-ADC14L040EVAL Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
More results

Similar Description - ADC14L040

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC14L040 NSC-ADC14L040 Datasheet
909Kb / 23P
   14-Bit, 40 MSPS, 235 mW A/D Converter
logo
Texas Instruments
ADC14L040 TI1-ADC14L040 Datasheet
821Kb / 30P
[Old version datasheet]   235 mW A/D Converter
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9244 AD-AD9244_05 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
ADC14071 NSC-ADC14071 Datasheet
427Kb / 18P
   14-Bit, 7 MSPS, 380 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com