Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0505LM-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # B0505LM-1W
Description  DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0505LM-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  B0505LM-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0505LM-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0505LM-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0505LM-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_M-1W&B_LM-1W
2013.08.30-A/4
Page 2 of4
OUTPUT SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Unit
Output power
0.1
--
1
W
Line regulation
For Vin change of 1%
--
--
1.2
%
Load regulation
10% to 100% full load(5V output)
--
10
15
10% to 100% full load(9V output)
--
8.3
10
10% to 100% full load(12V output)
--
6.8
10
10% to 100% full load(15V output)
--
6.3
10
10% to 100% full load(24V output)
--
5
10
Temperature drift
100% full load
--
--
0.03
%/
°C
Output voltage accuracy
See tolerance envelope grap
Ripple & Noise*
20MHz Bandwidth(AXXXXM-1W)
--
50
75
mVp-p
20MHz Bandwidth(BXXXXLM-1W)
--
75
100
Switching frequency
100% load, nominal input(5V,12V)
--
100
--
KHz
100% load, nominal input(24V)
--
500
--
*Test ripple and noise by “parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Unit
Storage humidity
--
--
95
%
Operating temperature
-40
--
85
°C
Storage temperature
-55
--
125
Temp. rise at full load
--
15
25
Lead temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection*
--
--
1
S
MTBF
350
--
--
K hours
Weight
--
2.1
--
g
*Supply voltage must be discontinued at the end of short circuit duration.
Isolation Specifications
Item
Test conditions
Min
Typ
Max
Unit
Isolation voltage
Tested for 1 minute and 1mA max
1000
--
--
VDC
Isolation resistance
Test at 500VDC
1000
--
--
M
Ω
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o


Similar Part No. - B0505LM-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505LM-1W MORNSUN-B0505LM-1W Datasheet
122Kb / 2P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
B0505LM-1W REICU-B0505LM-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP-Package
REV:3.1
More results

Similar Description - B0505LM-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505M-1W MORNSUN-A0505M-1W Datasheet
122Kb / 2P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
E0305M-1W MORNSUN-E0305M-1W Datasheet
117Kb / 2P
   DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-2000 REICU-K78X2-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com