Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV300K4032 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PV300K4032
Description  Low Medium Voltage Plastic Encapsulated SMD Varistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PV300K4032 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PV300K4032 Datasheet HTML 1Page - List of Unclassifed Manufacturers PV300K4032 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev Date: 08/15/2011
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
PV Series
Low & Medium Voltage Plastic Encapsulated SMD Varistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Description:
The PV Series is a line of surface mount plastic-encapsulated varistors designed
to protect electronic equipment against high voltage surges in the low and
medium voltage region. They offer direct SMD equivalents to 5mm and 7mm
leaded disc varistors.
The thermoplastic encapsulation is non-flammable
according to the standard defined by UL94V-0. Terminations are tinned copper
sheet.
PV varistors are designed exclusively for surface mounting and are available in
two model sizes. These transient voltage suppressors cover operating voltages
(Vrms) from 11V to 300V and feature maximum surge currents from 100A to
1,200A.
Features:
AC operating voltage (Vrms) from 11V to 300V
DC operating voltage (Vdc) from 14V to 385V
Insensitive to water cleaning procedures and to humidity according to the climate category
55/125/56
+85ºC continuous operating temperature
Non-flammable thermoplastic encapsulation case according to standard UL94V-0
2 model sizes available: 3225 and 4032
Dimensional and weight savings on board
Easily solderable tinned copper terminations
UL, CAC, CEDD approved
Climatic Category
55 / 125 / 56
In accordance with IEC 60068-1
Operating Temperature
-40ºC to +85ºC
In accordance with CECC 42 000
Storage Temperature Range
-40ºC to +125ºC
Threshold Voltage Temperature Coefficient
≤0.05% / ºC
Response Time
< 5 nS
General Technical Data
3225
4032
11 - 150
1,500
1,000
175 - 300
1,000
1,000
Chip Size
Series
Voltage Range (Vrms)
PV
Standard Packaging Options / Quantities
Code
Tol
Code
Description
K
10%
T
Tape and Reel
S
Special
PV
40
3225
4032
Low & Medium Voltage
Plastic Encapsulated
SMD Varistor
Product Series
Tolerance
Chip Size
Packaging
Vrms
How to Order
12
345
6789
10
P
V
40
K
3225
T


Similar Part No. - PV300K4032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV300K4032 ETC2-PV300K4032 Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
PV300K4032 SEI-PV300K4032 Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
PV300K4032T SEI-PV300K4032T Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
More results

Similar Description - PV300K4032

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
PV_SERIES SEI-PV_SERIES Datasheet
142Kb / 3P
   Low & Medium Voltage Plastic Encapsulated SMD Varistor
08/28/2019
logo
List of Unclassifed Man...
PV275K3225T ETC2-PV275K3225T Datasheet
99Kb / 2P
   Low Medium Voltage Plastic Encapsulated SMD Varistor
logo
Stackpole Electronics, ...
DV_SERIES SEI-DV_SERIES Datasheet
248Kb / 3P
   Low & Medium Voltage SMD Varistor
08/22/2019
logo
AVX Corporation
VJ15MA0160KBA AVX-VJ15MA0160KBA Datasheet
2Mb / 8P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA Datasheet
435Kb / 10P
   Glass Encapsulated SMD Varistor MLV
VJ14MT0950KBA AVX-VJ14MT0950KBA_17 Datasheet
456Kb / 12P
   Glass Encapsulated SMD Varistor MLV
logo
Stackpole Electronics, ...
CV_SERIES SEI-CV_SERIES Datasheet
1Mb / 7P
   Low and Medium Voltage Leaded Varistor
08/21/2019
CVH SEI-CVH Datasheet
258Kb / 4P
   Medium Voltage Leaded Varistor
08/09/2019
SV_SERIES SEI-SV_SERIES Datasheet
230Kb / 5P
   Special Medium Voltage Leaded Varistor
08/28/2019
ZVL SEI-ZVL Datasheet
1Mb / 6P
   Low Voltage Leaded Varistor
02/15/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com