Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LHL16101K Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LHL16101K
Description  RADIAL LEADED INDUCTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LHL16101K Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LHL16101K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LHL16101K Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
84
RADIAL LEADED INDUCTORS
WAVE
i_leaded_LH_e-E02R01
RADIAL LEADED INDUCTORS
PARTS NUMBER
*Operating Temp. : -25~+105℃(Including self-generated heat)
L
H △
L △
0
8
T
B
1
0
1
K
△ △ △
△=Blank space
①Series name
Code
Series name
LH△
Radial leaded inductor
②Characteristics
Code
Characteristics
L△
Standard type Taping available
LP
Shielded type Bulk
LC
High current type
③Dimensions(D)
Code
Dimensions(D)[mm max.]
08
9.0
10
11.0
12
13.0
13
14.0
16
17.0
④Packaging
Code
Packaging
NB
Bulk(LHL)
TB
Ammo packaging(LHL)
⑤Nominal inductance
Code
(example)
Nominal inductance[μH]
1R0
1.0
150
15
102
1000
※R=Decimal point
⑥Inductance tolerance
Code
Inductance tolerance
J
±5%
K
±10%
M
±20%
N
±30%
⑦Internal code
Code
Internal code
△△△
Standard
STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY
LHL /LHLC
LHLP
Type
D
H
2
F
φd
Standard quantity [pcs]
Box
Bulk
Taping
LH L 08
LH LC08
9.0 max
(0.354 max)
9.5 max
(0.374 max)
5.0±1.0
(0.197±0.039)
5.0±1.0
(0.197±0.039)
0.6±0.05
(0.024±0.002)
100
1000
LH L 10
LH LC10
11.0 max
(0.433 max)
14.0 max
(0.551 max)
5.0±1.0
(0.197±0.039)
5.0±1.0
(0.197±0.039)
0.6±0.05
(0.024±0.002)
50
500
LH L 13
14.0 max
(0.551 max)
17.0 max
(0.669 max)
5.0±1.0
(0.197±0.039)
7.5±1.0
(0.295±0.039)
0.8±0.05
(0.031±0.002)
25
500
LH L 16
17.0 max
(0.669 max)
21.0 max
(0.827 max)
5.0±1.0
(0.197±0.039)
7.5±1.0
(0.295±0.039)
0.8±0.05
(0.031±0.002)
500
250
LH LP10
11.0 max
(0.433 max)
11.0 max
(0.433 max)
5.0±1.0
(0.197±0.039)
5.0±1.0
(0.197±0.039)
0.6±0.05
(0.024±0.002)
500
200
LH LP12
13.0 max
(0.512 max)
16.0 max
(0.624 max)
5.0±1.0
(0.197±0.039)
5.0±1.0
(0.197±0.039)
0.6±0.05
(0.024±0.002)
300
LH LP16
17.0 max
(0.669 max)
19.0 max
(0.741 max)
5.0±1.0
(0.197±0.039)
7.5±1.0
(0.295±0.039)
0.8±0.05
(0.031±0.002)
200
Unit:mm(inch)


Similar Part No. - LHL16101K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL16101K TAIYO-YUDEN-LHL16101K Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL16101K TAIYO-YUDEN-LHL16101K Datasheet
502Kb / 21P
   RADIAL LEADED INDUCTORS
More results

Similar Description - LHL16101K

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LHL13TB332J TAIYO-YUDEN-LHL13TB332J Datasheet
522Kb / 20P
   RADIAL LEADED INDUCTORS
LHL08TB272J TAIYO-YUDEN-LHL08TB272J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB331K TAIYO-YUDEN-LHL08TB331K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB390K TAIYO-YUDEN-LHL08TB390K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHLP12NB330M TAIYO-YUDEN-LHLP12NB330M Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB470K TAIYO-YUDEN-LHL08TB470K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB820K TAIYO-YUDEN-LHL08TB820K Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL08TB822J TAIYO-YUDEN-LHL08TB822J Datasheet
137Kb / 1P
   Radial Leaded Inductors
LHL10TB120K TAIYO-YUDEN-LHL10TB120K Datasheet
137Kb / 1P
   Radial Leaded Inductors
logo
List of Unclassifed Man...
LHL06TB222J ETC2-LHL06TB222J Datasheet
544Kb / 26P
   RADIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LHLP16NB102K TAIYO-YUDEN-LHLP16NB102K Datasheet
137Kb / 1P
   Radial Leaded Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com