Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3018 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SI3018
Description  GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI3018 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI3018 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3018 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 94 page
background image
Si3056
Si3018/19/10
10
Rev. 1.05
Figure 2. General Inputs Timing Diagram
Table 5. Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
DC Supply Voltage
VD
–0.5 to 3.6
V
Input Current, Si3056 Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VD + 0.3)
V
Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–65 to 150
°C
Note: Permanent device damage can occur if the above absolute maximum ratings are exceeded. Restrict functional
operation to the conditions as specified in the operational sections of this data sheet. Exposure to absolute maximum
rating conditions for extended periods might affect device reliability.
Table 6. Switching Characteristics—General Inputs
(VD = 3.0 to 3.6 V, TA = 0 to 70 °C, CL = 20 pF)
Parameter1
Symbol
Min
Typ
Max
Unit
Cycle Time, MCLK
tmc
16.67
1000
ns
MCLK Duty Cycle
tdty
40
50
60
%
MCLK Jitter Tolerance
tjitter
——
±2
ns
Rise Time, MCLK
tr
——
5
ns
Fall Time, MCLK
tf
——
5
ns
MCLK Before RESET
tmr
10
cycles
RESET Pulse Width2
trl
250
ns
M0, M Before RESET
3
tmxr
20
ns
Notes:
1. All timing (except Rise and Fall time) is referenced to the 50% level of the waveform. Input test levels are
VIH = VD – 0.4 V, VIL = 0.4 V. Rise and fall times are referenced to the 20% and 80% levels of the waveform.
2. The minimum RESET pulse width is the greater of 250 ns or 10 MCLK cycle times.
3. M0 and M are typically connected to VD or GND and should not be changed during normal operation.
MCLK
M0, M1
t
r
RESET
t
mc
t
mr
t
f
t
mxr
V
IH
V
IL
t
rl


Similar Part No. - SI3018

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Silicon Laboratories
SI3018 SILABS-SI3018 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3018 SILABS-SI3018 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
Si3018 SILABS-Si3018 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3018 SKYWORKS-SI3018 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
More results

Similar Description - SI3018

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3056 SILABS-SI3056 Datasheet
1Mb / 94P
   GLOBAL SERIAL INTERFACE DIRECT ACCESS ARRANGEMENT
SI3016 SILABS-SI3016 Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3016 ETC-SI3016 Datasheet
940Kb / 48P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
logo
Silicon Laboratories
SI3068 SILABS-SI3068 Datasheet
723Kb / 40P
   FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
SI3066 SILABS-SI3066 Datasheet
721Kb / 40P
   V.32 FCC EMBEDDED DIRECT ACCESS ARRANGEMENT
logo
List of Unclassifed Man...
SI3035 ETC-SI3035 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com