Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2220C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # SF2220C
Description  193.6 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2220C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  SF2220C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2220C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2220C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2220C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 4
©2013 by RF Monolithics, Inc.
SF2220C - 09/05/13
Frequency Response Plots
5
6
1
3
2
S F 2 2 2 0 C
3 . 9 p F
S F 2 2 2 0 C T e s t C i r c u i t
1 8 0 n H
1 8 0 n H
4
7
8
5 . 6 p F
CH1
S 11
1 U FS
CENT R
193
. 600
MHz
S PA N
2 . 000
MHz
Cor
CH2
S 21
LO G
10 dB /
REF - 4.502 dB
CE NTE R
193 . 600
000
MHz
S PA N
5. 000
000
MHz
Cor
CH3
S22
1 U F S
CE NTR
193
. 600
MHz
SP AN
2 . 000
MHz
Cor
18 Oct 2010 11:55:11
1
1: 23 . 831
- 7 . 4219
110
. 76
pF
193
. 600
000
MHz
1
2
3
4
1 : 0 . 0000
dB
0 . 000
000
MHz
REF =1
CH2
Mark ers
B W :
. 175911
MHz
c ent
:
193
. 606440
MHz
Q: 1100
. 6
1_ los s
: -4 . 5412
dB
1
1 : 23 . 538
-3 . 0137
272 . 78
pF
193 . 600
000
MHz
S F2220C-Demo
part#79
Full
Res p


Similar Part No. - SF2220C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2220C RFM-SF2220C Datasheet
668Kb / 4P
   193.60 MHz SAW Filter
More results

Similar Description - SF2220C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2219A MURATA-SF2219A Datasheet
274Kb / 4P
   193.6 MHz SAW Filter
SF2221A MURATA-SF2221A Datasheet
480Kb / 4P
   193.6 MHz SAW Filter
logo
RF Monolithics, Inc
SF2219A RFM-SF2219A Datasheet
274Kb / 4P
   193.6 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com