Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DC105 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC12DC105
Description  Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DC105 Datasheet(HTML) 4 Page - Texas Instruments

  ADC12DC105_14 Datasheet HTML 1Page - Texas Instruments ADC12DC105_14 Datasheet HTML 2Page - Texas Instruments ADC12DC105_14 Datasheet HTML 3Page - Texas Instruments ADC12DC105_14 Datasheet HTML 4Page - Texas Instruments ADC12DC105_14 Datasheet HTML 5Page - Texas Instruments ADC12DC105_14 Datasheet HTML 6Page - Texas Instruments ADC12DC105_14 Datasheet HTML 7Page - Texas Instruments ADC12DC105_14 Datasheet HTML 8Page - Texas Instruments ADC12DC105_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DRGND
VDR
VA
DRGND
ADC12DC105
SNAS469A – SEPTEMBER 2008 – REVISED OCTOBER 2008
www.ti.com
PIN DESCRIPTIONS (continued)
Pin No.
Symbol
Equivalent Circuit
Description
Digital data output pins that make up the 12-bit conversion result for
42-49,
DA0-DA7,
Channel A. DA0 (pin 42) is the LSB, while DA11 (pin 55) is the MSB
52-55
DA8-DA11
of the output word. Output levels are CMOS compatible.
Digital data output pins that make up the 12-bit conversion result for
23-24,
DB0-DB1,
Channel B. DB0 (pin 23) is the LSB, while DB11 (pin 36) is the MSB
27-36
DB3-DB11
of the output word. Output levels are CMOS compatible.
Data Ready Strobe. The data output transition is synchronized with
39
DRDY
the falling edge of this signal. This signal switches at the same
frequency as the CLK input.
(6)
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
8, 16, 17, 58,
VA
quiet source and be bypassed to AGND with 0.1 µF capacitors
60
located close to the power pins.
The ground return for the analog supply.
1, 4, 12, 15,
AGND
The exposed pad on back of package must be soldered to ground
Exposed Pad
plane to ensure rated performance.
DIGITAL POWER
Positive driver supply pin for the output drivers. This pin should be
26, 38,50
VDR
connected to a quiet voltage source and be bypassed to DRGND
with a 0.1 µF capacitor located close to the power pin.
The ground return for the digital output driver supply. This pins
25, 37, 51
DRGND
should be connected to the system digital ground, but not be
connected in close proximity to the ADC's AGND pins.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3) (4) (5)
Supply Voltage (VA, VDR)
−0.3V to 4.2V
Voltage on Any Pin (Not to exceed 4.2V)
−0.3V to (VA +0.3V)
Input Current at Any Pin other than Supply Pins(6)
±5 mA
Package Input Current(6)
±50 mA
Max Junction Temp (TJ)
+150°C
Thermal Resistance (
θJA)
30°C/W
Human Body Model(7)
2500V
ESD Rating
Machine Model(7)
250V
Storage Temperature
−65°C to +150°C
(1)
All voltages are measured with respect to GND = AGND = DRGND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is guaranteed to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test
conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance
characteristics may degrade when the device is not operated under the listed test conditions. Operation of the device beyond the
maximum Operating Ratings is not recommended.
(3)
Soldering process must comply with National Semiconductor's Reflow Temperature Profile specifications. Refer to
www.ti.com/packaging.
(4)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(5)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
(6)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50 mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
(7)
Human Body Model is 100 pF discharged through a 1.5 k
Ω resistor. Machine Model is 220 pF discharged through 0 Ω.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: ADC12DC105


Similar Part No. - ADC12DC105_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105_15 Datasheet
1Mb / 26P
[Old version datasheet]   105 MSPS A/D Converter
More results

Similar Description - ADC12DC105_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DC080 NSC-ADC12DC080 Datasheet
343Kb / 14P
   Dual 12-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12DC105 TI1-ADC12DC105 Datasheet
390Kb / 22P
[Old version datasheet]   ADC12DC105 Dual 12-Bit, 105 MSPS A/D Converter with CMOS Outputs
logo
National Semiconductor ...
ADC12DS105 NSC-ADC12DS105_08 Datasheet
499Kb / 26P
   Dual 12-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DC080 NSC-ADC14DC080 Datasheet
342Kb / 14P
   Dual 14-Bit, 80/105 MSPS A/D Converter with CMOS Outputs
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
[Old version datasheet]   Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432 AD-AD9432 Datasheet
498Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
REV. E
logo
National Semiconductor ...
ADC11DS105 NSC-ADC11DS105 Datasheet
494Kb / 24P
   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
ADC14DS105_0712 NSC-ADC14DS105_0712 Datasheet
597Kb / 28P
   Dual 14-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
logo
Texas Instruments
ADC11DS105 TI1-ADC11DS105 Datasheet
969Kb / 33P
[Old version datasheet]   Dual 11-Bit, 105 MSPS A/D Converter with Serial LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com