Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR75GE060 Datasheet(PDF) 4 Page - Fuji Electric

Part # 7MBR75GE060
Description  IGBT(600V/75A/PIM)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR75GE060 Datasheet(HTML) 4 Page - Fuji Electric

  7MBR75GE060 Datasheet HTML 1Page - Fuji Electric 7MBR75GE060 Datasheet HTML 2Page - Fuji Electric 7MBR75GE060 Datasheet HTML 3Page - Fuji Electric 7MBR75GE060 Datasheet HTML 4Page - Fuji Electric 7MBR75GE060 Datasheet HTML 5Page - Fuji Electric 7MBR75GE060 Datasheet HTML 6Page - Fuji Electric 7MBR75GE060 Datasheet HTML 7Page - Fuji Electric 7MBR75GE060 Datasheet HTML 8Page - Fuji Electric 7MBR75GE060 Datasheet HTML 9Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IGBT Module
7MBR75GE060
Switching time vs. RG
Vcc=300V, Ic=75A, VGE=±15V, Tj=25°C
Dynamic input characteristics
Tj=25°C
Gate resistance : RG [ohm]
100
Gate charge : Qg [nC]
0
200
400
600
800
1000
1200
100
1000
500
400
300
200
100
0
0
0
1
2
3
4
0
5
15
20
25
Forward voltage : VF [V]
Forward current vs. Forward voltage
VGE=0V
Reverse recovery characteristics
trr, Irr, vs. IF
Forward current : IF [A]
10
100
Transient thermal resistance
0.1
1
0.001
0.01
0.1
1
Pulse width : PW [sec.]
Reversed biased safe operating area
+VGE=15V, -VGE = 15V, Tj = 125°C, RG = 33 ohm
0
25
50
75
100
125
150
<<
>
500
400
300
200
100
0
0
100
200
300
400
500
600
Collector-Emitter voltage : VCE [V]
10
10
10
125
100
75
50
25
150
175
0.01
600
700


Similar Part No. - 7MBR75GE060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR75SB060 FUJI-7MBR75SB060 Datasheet
555Kb / 7P
   IGBT(600V/75A/PIM)
7MBR75SB060 FUJI-7MBR75SB060 Datasheet
231Kb / 7P
   IGBT MODULE
7MBR75SB060-01 FUJI-7MBR75SB060-01 Datasheet
480Kb / 10P
   IGBT Module
7MBR75SB060 FUJI-7MBR75SB060_10 Datasheet
231Kb / 7P
   IGBT MODULE
7MBR75SD060 FUJI-7MBR75SD060 Datasheet
427Kb / 7P
   PIM/Built-in converter with thyristor and brake (600V / 75A / PIM)
More results

Similar Description - 7MBR75GE060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR75SB060 FUJI-7MBR75SB060 Datasheet
555Kb / 7P
   IGBT(600V/75A/PIM)
7MBR75U2B060 FUJI-7MBR75U2B060 Datasheet
197Kb / 7P
   IGBT MODULE (U series) 600V / 75A / PIM
logo
MacMic
MMG75W060XB6EN MACMIC-MMG75W060XB6EN Datasheet
434Kb / 9P
   600V 75A PIM Module
MMG75H060XB6EN MACMIC-MMG75H060XB6EN Datasheet
737Kb / 9P
   600V 75A PIM Module
MMG75H065XB6TC MACMIC-MMG75H065XB6TC Datasheet
575Kb / 9P
   600V 75A PIM Module
September 2022 Version 01
logo
Fuji Electric
2MBI75N-060 FUJI-2MBI75N-060 Datasheet
152Kb / 4P
   IGBT(600V 75A)
6MBI75F-060 FUJI-6MBI75F-060 Datasheet
126Kb / 4P
   IGBT(600V 75A)
6MBI75L-060 FUJI-6MBI75L-060 Datasheet
119Kb / 4P
   IGBT(600V/75A)
2MBI75F-060 FUJI-2MBI75F-060 Datasheet
121Kb / 4P
   IGBT(600V 75A)
7MBI75N-060 FUJI-7MBI75N-060 Datasheet
198Kb / 8P
   IGBT(600V/75A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com