Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDK120M11R Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDK120M11R
Description  200 mA low quiescent current very low noise LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDK120M11R Datasheet(HTML) 1 Page - STMicroelectronics

  LDK120M11R Datasheet HTML 1Page - STMicroelectronics LDK120M11R Datasheet HTML 2Page - STMicroelectronics LDK120M11R Datasheet HTML 3Page - STMicroelectronics LDK120M11R Datasheet HTML 4Page - STMicroelectronics LDK120M11R Datasheet HTML 5Page - STMicroelectronics LDK120M11R Datasheet HTML 6Page - STMicroelectronics LDK120M11R Datasheet HTML 7Page - STMicroelectronics LDK120M11R Datasheet HTML 8Page - STMicroelectronics LDK120M11R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
April 2014
DocID023965 Rev 5
1/24
24
LDK120
200 mA low quiescent current very low noise LDO
Datasheet
- production data
Features
• Input voltage from 1.9 to 5.5 V
• Very low dropout voltage (100 mV typ. at 100
mA load)
• Low quiescent current (max. 100 µA, 1 µA in
OFF mode)
• Very low noise
• Output voltage tolerance: ± 2.0% @ 25 °C
• 200 mA guaranteed output current
• Wide range of fixed output voltages available
on request: from 0.8 V to 3.5 V with 100 mV
step
• Adjustable version: from 0.8 V to VIN-Vdrop
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitor COUT = 1 µF
• Internal current and thermal limit
• Available in SOT23-5L, SOT323-5L and DFN6
(1.2 x 1.3 mm) packages
• Temperature range: -40 °C to 125 °C
Applications
• Mobile phones
• Personal digital assistants (PDAs)
• Cordless phones and similar battery-powered
systems
• Digital still cameras
Description
The LDK120 low drop voltage regulator provides
200 mA of maximum current from an input supply
voltage in the range of 1.9 V to 5.5 V, with a
typical dropout voltage of 100 mV.
It is stabilized with a ceramic capacitor on the
output.
The very low drop voltage, low quiescent current
and low noise features make it suitable for low
power battery-powered applications.
An enable logic control function puts the LDK120
in shutdown mode allowing a total current
consumption lower than 1 µA.
The device also includes a short-circuit constant
current limiting and thermal protection.
www.st.com


Similar Part No. - LDK120M11R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120M11R STMICROELECTRONICS-LDK120M11R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
More results

Similar Description - LDK120M11R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDK120M33R STMICROELECTRONICS-LDK120M33R Datasheet
2Mb / 24P
   200 mA low quiescent current very low noise LDO
March 2014 Rev 4
LDK120XX STMICROELECTRONICS-LDK120XX Datasheet
2Mb / 25P
   200 mA low quiescent current very low noise LDO
LDK220 STMICROELECTRONICS-LDK220 Datasheet
1Mb / 28P
   200 mA low quiescent current and low noise LDO
October 2016 Rev 4
STLQ020 STMICROELECTRONICS-STLQ020 Datasheet
2Mb / 31P
   200 mA ultra-low quiescent current LDO
Rev 3 - June 2019
logo
Analog Devices
ADP165 AD-ADP165 Datasheet
605Kb / 23P
   Very Low Quiescent Current, 150 mA, LDO Regulator
Rev. A
logo
ON Semiconductor
NCV8702 ONSEMI-NCV8702 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
May, 2012 ??Rev. 0
NCP702SN28T1G ONSEMI-NCP702SN28T1G Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
July, 2013 ??Rev. 3
NCV8702 ONSEMI-NCV8702_13 Datasheet
1Mb / 20P
   200 mA, Ultra-Low Quiescent Current, Ultra-Low Noise, LDO Linear Voltage Regulator
June, 2013 ??Rev. 1
NCP707 ONSEMI-NCP707 Datasheet
897Kb / 19P
   200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 1
NCP707 ONSEMI-NCP707_15 Datasheet
857Kb / 19P
   200 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com