Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBD10000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PBD10000
Description  MODEL LDD - LARGE DIGIT DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBD10000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PBD10000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PBD10000 Datasheet HTML 2Page - List of Unclassifed Manufacturers PBD10000 Datasheet HTML 3Page - List of Unclassifed Manufacturers PBD10000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
WIDE SELECTION OF INPUT MODULES
3.32 INCH (84.4 mm) HIGH DIGITS
115/230 VAC SWITCH SELECTABLE
RUGGED STEEL CONSTRUCTION
AVAILABLE IN 4 OR 6-DIGIT VERSIONS
AVAILABLE WITH RED OR GREEN LED DISPLAY
SEALED FRONT PANEL CONSTRUCTION (NEMA 4/IP65)
VERSATILE MOUNTING OPTIONS
TEMPLATE PROVIDED FOR EASY INSTALLATION
DESCRIPTION
The Large Digit Display, Model LDD, is a versatile display which can
increase your productivity by offering your plant floor or production area a
visual display of their current status, such as counting, rate indication, real time,
or any engineering unit required. The LDD is available in either a 4-digit or a
6-digit display version with Red or Green LED displays, that accepts a selection
of personality boards to meet your specific application needs (see Personality
Module Bulletins for more information).
There are four panel wiring knock-outs provided, two 7/8" (22.2 mm) knock-
outs and two 1/2"(12.7 mm) knock-outs. Also provided is a removeable cover
located on the rear panel which will expose one open ended cut-out for easy
wire installation.
The LDD has a sealed front panel which meets NEMA 4/IP65 requirements
for wash-down and dusty environments when properly installed. The 3.32"
(84.4 mm) digits are readable to 130 feet (40 M).
SAFETY SUMMARY
All safety related regulations, local codes and instructions that appear in the
manual or on equipment must be observed to ensure personal safety and to
prevent damage to either the instrument or equipment connected to it. If
equipment is used in a manner not specified by the manufacturer, the protection
provided by the equipment may be impaired.
SPECIFICATIONS
1. DISPLAY: 3.32" (84.4 mm) High, Red or Green LED display.
2. POWER REQUIREMENTS: Switch selectable 115/230 VAC (±10%),
50/60 Hz, 17 VA 4-digit, 21 VA 6-digit (including module).
3. CONSTRUCTION: Steel construction textured with polyurethane paint for
scratch and corrosion resistance protection. Front panel meets NEMA 4/IP65
requirements for indoor use when properly installed. Installation Category II,
Pollution Degree 2. (Panel gasket included with unit.)
4. ENVIRONMENTAL CONDITIONS:
Operating Temperature: SEE MODULE LITERATURE
Storage Temperature: -40 to 70°C
Operating and Storage Humidity: 85% max. relative (non-condensing)
over operating range
Altitude: Up to 2000 meters
MODEL LDD - LARGE DIGIT DISPLAY
DIMENSIONS In inches [mm]
PANEL CUT-OUT
Bulletin No. LDD-N
Drawing No. LP0205
Released 1/06
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion.net
CAUTION: Risk of Danger.
Read complete instructions prior to
installation and operation of the unit.
CAUTION: Risk of electric shock.


Similar Part No. - PBD10000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PBD1211 SCHURTER-PBD1211 Datasheet
268Kb / 2P
   PBD 1211 Test Jack, PCB Mounting, 횠 2 mm, 6.3 A, flux-proof
More results

Similar Description - PBD10000

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
WIG-13279 SPARKFUN-WIG-13279 Datasheet
425Kb / 2P
   SparkFun Large Digit Driver
8-7-18
logo
List of Unclassifed Man...
C-1801X ETC-C-1801X Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
C-5001H ETC-C-5001H Datasheet
80Kb / 1P
   SINGLE DIGIT DISPLAY
A-301E-11 ETC-A-301E-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
C-1021X ETC-C-1021X Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
C-1501X ETC-C-1501X Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-3612AX FORYARD-FYS-3612AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-4011EX FORYARD-FYS-4011EX_1 Datasheet
330Kb / 5P
   LED DIGIT DISPLAY
FYS-4311AX FORYARD-FYS-4311AX_1 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
FYS-5011AX FORYARD-FYS-5011AX_1 Datasheet
326Kb / 5P
   LED DIGIT DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com