Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J5MSP-03V-KY Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # J5MSP-03V-KY
Description  11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J5MSP-03V-KY Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  J5MSP-03V-KY Datasheet HTML 1Page - List of Unclassifed Manufacturers J5MSP-03V-KY Datasheet HTML 2Page - List of Unclassifed Manufacturers J5MSP-03V-KY Datasheet HTML 3Page - List of Unclassifed Manufacturers J5MSP-03V-KY Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
S J5 M - 71 GF - M 6.5
Form: S...Strip form, B...Loose piece
L...Loose piece with curled barrels
Series name
Kind of terminal: M...Tab contact
Surface finish: GF...Nickel-undercoated, selective gold-plated
Meterial: M...Copper alloy
Terminal size
Applicable wire: 71...AWG #16
∼ #14, 81...AWG #12 ∼ #10,
91...AWG #8
S J5 F - 71 GF - M 6.5
Form: S...Strip form, B...Loose piece
L...Loose piece with curled barrels
Series name
Kind of terminal: F...Receptacle contact
Surface finish: GF...Nickel-undercoated, selective gold-plated
Meterial: M...Copper alloy
Terminal size
Applicable wire: 71...AWG #16
∼ #14, 81...AWG #12 ∼ #10,
91...AWG #8
J5 M S P - 02 V - K X
Rows: S....Single-row,
M...Double-row modular type
Configuration: P...Panel type
Series name
Kind of terminal: M...Tab housing
No. of circuts: 2, 3, 4, 6
Flammability: UL94V-O
Color indication: K...Black
Keying: X...X-Keying, Y...Y-Keying, XX...XX-Keying
YY...YY-Keying, XY...XY-Keying
J5 F S - 02 V - K X
Rows: S....Single-row,
M...Double-row modular type
Series name
Type of connector: F...Receptacle housing
No. of circuts: 2, 3, 4, 6
Flammability: UL94V-O
Color indication: K...Black
Keying: X...X-Keying, Y...Y-Keying, XX...XX-Keying
YY...YY-Keying, XY...XY-Keying
JFA CONNECTOR/J5000 SERIES
15.1
15.1
29.6
29.6
29.6
2
3
4
6
10
Circuits
A
40.2
51.2
40.2
51.2
65.4
B
32.4
43.4
32.4
43.4
73.2
C
Dimensions (mm)
B ±0.2
C ±0.2
φ3.5
+0.2
0
Panel layout
Model number identification
Receptacle contact
Tab contact
Receptacle housing
Tab housing


Similar Part No. - J5MSP-03V-KY

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
J5M3 EDAL-J5M3 Datasheet
848Kb / 2P
   Silicon Power Rectifiers
More results

Similar Description - J5MSP-03V-KY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
SMP-12V-BC ETC2-SMP-12V-BC Datasheet
133Kb / 5P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
VLR-03V ETC2-VLR-03V Datasheet
228Kb / 4P
   6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
BHS JST-BHS Datasheet
122Kb / 2P
   3.5mm pitch/Disconnectable Crimp style Wire-to-wire connectors
2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com