Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L138-FG-225-RC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # L138-FG-225-RC
Description  MityDSP-L138F Processor Card
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L138-FG-225-RC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button L138-FG-225-RC Datasheet HTML 5Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 6Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 7Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 8Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 9Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 10Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 11Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 12Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Critical Link, LLC
MityDSP
www.CriticalLink.com
MityDSP-L138F Processor Card
www.MityDSP.com
29-AUG-2013
9
Copyright © 2013, Critical Link LLC
Specifications Subject to Change
Signal / Group
I/O
Description
be tied to the desired voltage used for the FPGA
Bank 0 or 1 interface pins.
Please refer to the
VCCO input pin specifications for the Xilinx
Spartan 6 family of devices for further information.
Typical values are 3.3V and 2.5 volts.
USB0_XXXX,
USB1_XXXX
I/O
The USBN_ prefixed pins are direct connects to the
corresponding pins on the OMAP-L138 processor.
For details please refer to the OMAP-L138 processor
specifications.
DEBUG INTERFACE
Below is the pin-out for the Hirose 31 pin header (DF9-31P-1V(32)) that interfaces with
an available adapter board, CL part number 80-000286, to debug the OMAP-L138 and
FPGA.
Debug Interface Connector Description (J2)
Table 3 OMAP-L138 Hirose Connector
Pin
I/O
Signal
Pin
I/O
Signal
1
-
GND
2
O
OMAP EMU1
3
-
GND
4
O
OMAP EMU0
5
-
GND
6
I
OMAP TCK
7
-
GND
8
O
OMAP RTCK
9
-
GND
10
O
OMAP TDO
11
-
GND
12
-
OMAP VCC / 3.3V
13
-
GND
14
I
OMAP TDI
15
-
GND
16
I
OMAP TRST
17
-
GND
18
I
OMAP TMS
19
-
GND
20
-
GND
21
-
GND
22
O
FPGA VREF / VCCAUX
23
-
GND
24
I
FPGA TMS
25
-
GND
26
I
FPGA TCK
27
-
GND
28
O
FPGA TDO
29
-
GND
30
I
FPGA TDI
31
-
GND


Similar Part No. - L138-FG-225-RC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L1384 KINGBRIGHT-L1384 Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
L1384QMP KINGBRIGHT-L1384QMP Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
L1384YD KINGBRIGHT-L1384YD Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
More results

Similar Description - L138-FG-225-RC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
   SECURITY PROCESSOR
logo
Siemens Semiconductor G...
SDA9290-6 SIEMENS-SDA9290-6 Datasheet
237Kb / 28P
   Picture Processor
logo
Analog Devices
ADSP-21367 AD-ADSP-21367 Datasheet
1Mb / 48P
   SHARC Processor
Rev. PrA
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com