Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L138-FG-225-RC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # L138-FG-225-RC
Description  MityDSP-L138F Processor Card
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L138-FG-225-RC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button L138-FG-225-RC Datasheet HTML 4Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 5Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 6Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 7Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 8Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 9Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 10Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 11Page - List of Unclassifed Manufacturers L138-FG-225-RC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Critical Link, LLC
MityDSP
www.CriticalLink.com
MityDSP-L138F Processor Card
www.MityDSP.com
29-AUG-2013
8
Copyright © 2013, Critical Link LLC
Specifications Subject to Change
Table 2 Signal Group Description
Signal / Group
I/O
Description
3.3 V in
N/A
3.3 volt input power referenced to GND.
EXT_BOOT#
I
Bootstrap configuration pin. Pull low to configure
booting from external UART1.
RESET_IN#
I
Manual Reset. When pulled to GND for a minimum
of 1 usec, resets the DSP processor.
SPI_XXXX
I/O
The pins with an SPI_ prefix are direct connections
to the OMAP-L138 pins supporting the SPI1
interface. The SPI1_CLK, SPI1_ENA, SPI1_MISO,
SPI1_MOSI pins must remain configured for the SPI
function in order to support interfacing to the on-
board SPI boot ROM. For details please refer to the
OMAP-L138 processor specifications.
MII_XXXX
I/O
The pins with an MII_ prefix are direct connections
to the OMAP-L138 pins supporting the media
independent interface (MII) function. The MII pins
provide multiplex capability and may alternately be
used as UART, GPIO, and SPI control pins.
For
details please refer to the OMAP-L138 processor
specification.
MDIO_XX
I/O
The MDIO_CLK and MDIO_DAT signals are direct
connects to the corresponding MDIO signals on the
OMAP-L138 processor.
These pins may be
configured for GPIO.
GP0_X
IO
General Purpose / multiplexed pins. These pins are
direct connects to the corresponding GP0[X] pins on
the OMAP-L138 processor. The include support for
the McASP, general purpose I/O, UART flow
control, and McBSP 1. For details please refer to the
OMAP-L138 processor specifications.
SATA_TX_P/N
O
These pins are direct connects to the OMAP-L138
SATA_TX differential Serial ATA controller pins.
SATA_RX P/N
I
These pins are direct connects to the OMAP-L138
SATA_RX differential Serial ATA controller pins.
GND
N/A
System Digital Ground.
BX_Y_P.ZZ,
BX_Y_N.ZZ
IO
FPGA I/O pins. These pins are routed directly to
FPGA pins ZZ.
The “X” indicates which FPGA
bank the pin is allocated. The bank is either 0 or 1.
The
FPGA
fabric
supports
routing
pins
in
differential pairs, the Y_P and Y_N portion of the
name indicates the pair number and polarity. The
pins have been routed in pairs with phase matched
line lengths.
VCCO_X
I
FPGA Bank interface power input. These pins must


Similar Part No. - L138-FG-225-RC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L1384 KINGBRIGHT-L1384 Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
L1384QMP KINGBRIGHT-L1384QMP Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
L1384YD KINGBRIGHT-L1384YD Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
More results

Similar Description - L138-FG-225-RC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
   SECURITY PROCESSOR
logo
Siemens Semiconductor G...
SDA9290-6 SIEMENS-SDA9290-6 Datasheet
237Kb / 28P
   Picture Processor
logo
Analog Devices
ADSP-21367 AD-ADSP-21367 Datasheet
1Mb / 48P
   SHARC Processor
Rev. PrA
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com