Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L138-DG-225-RI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L138-DG-225-RI
Description  MityDSP-L138F Processor Card
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

L138-DG-225-RI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L138-DG-225-RI Datasheet HTML 1Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 2Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 3Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 4Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 5Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 6Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 7Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 8Page - List of Unclassifed Manufacturers L138-DG-225-RI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Critical Link, LLC
MityDSP
www.CriticalLink.com
MityDSP-L138F Processor Card
www.MityDSP.com
29-AUG-2013
2
Copyright © 2013, Critical Link LLC
Specifications Subject to Change
The onboard OMAP-L138 processor provides a dual CPU core topology.
The OMAP-
L138 includes an ARM926EJ-S micro-processor unit (MPU) capable of running the rich
software applications programmer interfaces (APIs) expected by modern system
designers. The ARM architecture supports several operating systems, including Linux
and Windows Embedded CE.
In addition to the ARM core, the OMAP-L138 also
includes a TMS320C674x floating point digital signal processing (DSP) core. The DSP
core supports the freely provided TI DSP/BIOS real-time kernel. Users can leverage the
DSP to execute real-time compute algorithms (codecs, image/data processing,
compression techniques, filtering, etc.)
SO-DIMM-200 (DDR2 Connector)
System
Clocks
EMIFA (16-bit)
JTAG/Emulator
Texas Instruments
OMAP-L138
456-MHz ARM926EJ-
S ™ RISC MPU
456-MHz C674x VLIW DSP
(Many pins are multiplexed between peripherals)
JTAG
Header
8MB NOR Flash
(SPI interface)
For uBoot
bootloader
Xilinx
Spartan-6
FPGA
Up To XC6SLX45
CSG324 pkg.
Power
Management
Up To 256MB
mDDR Memory
16-bit wide
Up To 512MB
NAND Flash
8-bit wide
For root FFS
Boot
Config
1.2V
1.8V
2.5V
3.3V
JTAG
MMCSD 1
EMAC RMII
UHPI
uPP
LCD
VPIF I/O
FPGA I/O
Banks can be
1.8V, 2.5V, or
3.3V
Emulator
Header
Figure 1 MityDSP-L138F Block Diagram
Figure 1 provides a top level block diagram of the MityDSP-L138F processor card.
As
shown in the figure, the primary interface to the MityDSP-L138F is through a standard
SO-DIMM-200 card edge interface. The interface provides power, synchronous serial
connectivity, and up to 96 pins of configurable FPGA I/O for application defined
interfacing. Details of the SO-DIMM-200 connector interface are included in the SO-
DIMM-200 Interface Description, as shown below.


Similar Part No. - L138-DG-225-RI

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L1384 KINGBRIGHT-L1384 Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
L1384QMP KINGBRIGHT-L1384QMP Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
L1384YD KINGBRIGHT-L1384YD Datasheet
99Kb / 4P
   3.4 MM RIGHT ANGLE LED INDICATOR
More results

Similar Description - L138-DG-225-RI

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Analog Devices
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
logo
New Japan Radio
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
   SECURITY PROCESSOR
logo
Siemens Semiconductor G...
SDA9290-6 SIEMENS-SDA9290-6 Datasheet
237Kb / 28P
   Picture Processor
logo
Analog Devices
ADSP-21367 AD-ADSP-21367 Datasheet
1Mb / 48P
   SHARC Processor
Rev. PrA
ADSP-BF542 AD-ADSP-BF542_07 Datasheet
3Mb / 68P
   Embedded Processor
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com