Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J2045H3NL Datasheet(PDF) 11 Page - Pulse A Technitrol Company

Part # J2045H3NL
Description  RoHS peak wave solder temperature rating 260C
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

J2045H3NL Datasheet(HTML) 11 Page - Pulse A Technitrol Company

Back Button J2045H3NL Datasheet HTML 4Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 5Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 6Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 7Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 8Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 9Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 10Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 11Page - Pulse A Technitrol Company J2045H3NL Datasheet HTML 12Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
J2 Series (With LEDs) Schematics (not PoE Enabled)
J20-0013/14/15/16NL
�����
����������
�����
�����
������������������������������������������
�������������������������
���
���
���
���
���
���
��� �� ��
���
���
��� �� ��
��
���
��� �������
��
��
���
��� �������
��
������� ���
���
�� ��
������� ���
���
�� ��
���
���
���
�� ��
���
���
���
�� ��
����
����
����
����
����
����
����
����
� � �
� � �
�����
�������
�������
�������
�������
��������
�������
��������
��������
���
��
���
���
��
���
��
��
��
��
�������
�������
�������������������������������������
NOTE: This applies to
LED 2xN configurations.
LED Configuration
�����
������
������
Standard
LED
Forward 2
Typical
LED Color
Wavelength 1
(V MAX)
(V TYP)
PulseJackTM
2XN RJ45 Connector
www.pulseeng.com
www.pulseeng.com
11
J401.D (10/09)
For More Information:
Green
560 - 570 nm
2.5
2.1 - 2.2
Yellow
588 - 610 nm
2.5
2.1 - 2.2
1. LED intensity/wavelength measured with Photo Research PR-650 Colormeter
2. With a forward current of 20 mA
Pulse Worldwide
Headquarters
12220 World Trade Dr.
San Diego, CA 92128
U.S.A.
www.pulseeng.com
Tel: 858 674 8100
Fax: 858 674 8262
Pulse South Asia
135 Joo Seng Rd.
#03-02
PM Industrial Bldg.
Singapore 368363
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
No. 26, Kao Ching Rd.
Yang Mei Chen
Taoyuan Hsien
Taiwan
R. O. C.
Tel: 886 3 4643715
Fax: 886 3 4641911
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Rd. West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse Europe
Einsteinstrasse 1
D-71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 135
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2009. Pulse Engineering, Inc. All rights reserved.
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Rd.
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
TEL: 86 755 33966678
FAX: 86 755 33966700


Similar Part No. - J2045H3NL

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J204 CALOGIC-J204 Datasheet
20Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
J204 LINEAR-J204 Datasheet
203Kb / 2P
   HIGH GAIN N-CHANNEL JFET
logo
Vishay Siliconix
J204 VISHAY-J204 Datasheet
71Kb / 5P
   N-Channel JFETs
Rev. G, 15-Mar-04
logo
Intersil Corporation
J204 INTERSIL-J204 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Vishay Siliconix
J204 VISHAY-J204 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results

Similar Description - J2045H3NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J0011D11 PULSE-J0011D11 Datasheet
1Mb / 6P
   RoHS peak wave solder temperature rating 260C
H304 PULSE-H304 Datasheet
832Kb / 4P
   RoHS peak reflow temperature rating 260C
JC0-0063NL PULSE-JC0-0063NL Datasheet
274Kb / 5P
   RoHS-5 peak wave solder temperature rating 235C
H316 PULSE-H316 Datasheet
702Kb / 4P
   RoHS peak reflow temperature rating: 245C
HX1188NLT PULSE-HX1188NLT Datasheet
211Kb / 3P
   RoHS peak reflow temperature rating: 245째C째째
H327 PULSE-H327 Datasheet
1Mb / 5P
   RoHS peak reflow temperature rating 245C
H328 PULSE-H328 Datasheet
526Kb / 2P
   RoHS peak reflow temperature rating 245C
H325 PULSE-H325 Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
T1212NL PULSE-T1212NL Datasheet
81Kb / 2P
   RoHS peak reflow temperature rating 245
PE-65967NLT PULSE-PE-65967NLT Datasheet
920Kb / 4P
   RoHS peak reflow temperature rating 245
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com