Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR50SB060 Datasheet(PDF) 4 Page - Fuji Electric

Part # 7MBR50SB060
Description  IGBT(600V/50A/PIM)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR50SB060 Datasheet(HTML) 4 Page - Fuji Electric

  7MBR50SB060 Datasheet HTML 1Page - Fuji Electric 7MBR50SB060 Datasheet HTML 2Page - Fuji Electric 7MBR50SB060 Datasheet HTML 3Page - Fuji Electric 7MBR50SB060 Datasheet HTML 4Page - Fuji Electric 7MBR50SB060 Datasheet HTML 5Page - Fuji Electric 7MBR50SB060 Datasheet HTML 6Page - Fuji Electric 7MBR50SB060 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IGBT Modules
7MBR50SB060
Vcc=300V, VGE=±15V, Rg=51
Ω, Tj=25°C
Vcc=300V, VGE=±15V, Rg=51
Ω, Tj=125°C
Vcc=300V, Ic=50A, VGE=±15V, Tj=25°C
Vcc=300V, VGE=±15V, Rg=51
Vcc=300V, Ic=50A, VGE=±15V, Tj=125°C
+VGE=15V, -VGE<15V, Rg>51
Ω, Tj<125°C
=
=
=
0
2040
6080
10
100
1000
ton
tr
toff
tf
[ Inverter ]
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
0
2040
6080
10
100
1000
tf
tr
ton
toff
[ Inverter ]
Switching time vs. Collector current (typ.)
Collector current : Ic [ A ]
10
50
100
500
10
100
1000
5000
toff
ton
tr
tf
[ Inverter ]
Switching time vs. Gate resistance (typ.)
Gate resistance : Rg [
]
0
204060
80
100
0
1
2
3
4
5
Err(25
o
C)
Eoff(25
o
C)
Eon(25
o
C)
Err(125
o
C)
Eoff(125
oC)
Eon(125
o
C)
[ Inverter ]
Switching loss vs. Collector current (typ.)
Collector current : Ic [ A ]
10
50
100
500
0
2
4
6
8
10
[ Inverter ]
Switching loss vs. Gate resistance (typ.)
Gate resistance : Rg [
]
Eon
Err
Eoff
0
200
400
600
800
0
20
40
60
80
100
120
[ Inverter ]
Reverse bias safe operating area
Collector - Emitter voltage : VCE [ V ]


Similar Part No. - 7MBR50SB060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SB060 FUJI-7MBR50SB060 Datasheet
236Kb / 7P
   IGBT MODULE
7MBR50SB060-01 FUJI-7MBR50SB060-01 Datasheet
447Kb / 11P
   IGBT Module
7MBR50SB060 FUJI-7MBR50SB060_10 Datasheet
236Kb / 7P
   IGBT MODULE
More results

Similar Description - 7MBR50SB060

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR50SA060 FUJI-7MBR50SA060 Datasheet
640Kb / 7P
   IGBT(600V/50A/PIM)
7MBR50NF060 FUJI-7MBR50NF060 Datasheet
263Kb / 9P
   600V/50A/PIM
7MBR50U2A060 FUJI-7MBR50U2A060 Datasheet
183Kb / 7P
   IGBT MODULE (U series) 600V / 50A / PIM
logo
MacMic
MMG50W060XB6EN MACMIC-MMG50W060XB6EN Datasheet
434Kb / 9P
   600V 50A PIM Module
MMG50H060XB6EN MACMIC-MMG50H060XB6EN Datasheet
1Mb / 9P
   600V 50A PIM Module
logo
Fuji Electric
7MBR50SB120 FUJI-7MBR50SB120 Datasheet
576Kb / 7P
   IGBT(1200V/50A/PIM)
7MBR50UA120 FUJI-7MBR50UA120 Datasheet
190Kb / 7P
   IGBT MODULE (1200V / 50A / PIM)
2MBI50N-060 FUJI-2MBI50N-060 Datasheet
154Kb / 4P
   IGBT(600V 50A)
logo
Renesas Technology Corp
RJH60D7BDPQ-E0 RENESAS-RJH60D7BDPQ-E0_16 Datasheet
334Kb / 10P
   600V - 50A - IGBT
logo
Fuji Electric
6MBI50F-060 FUJI-6MBI50F-060 Datasheet
121Kb / 4P
   IGBT(600V 50A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com