Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER108 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # HER108
Description  1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

HER108 Datasheet(HTML) 2 Page - Micro Commercial Components

  HER108 Datasheet HTML 1Page - Micro Commercial Components HER108 Datasheet HTML 2Page - Micro Commercial Components HER108 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HER101 THRU HER108
MCC
FIG.2- MAXIMUM AVERAGE
FORWARD CURRENT DERATING
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
25
50 75 100 125 150 175
1.0
2.0
AMBIENT TEMPERATURE. ( C)
o
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.375" (9.5mm)
Lead Length
RATINGS AND CHARACTERISTIC CURVES
0
0
FIG.5- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
10
0
15
20
30
25
35
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
Tj=25 C
0
Tj=100 C
0
FIG.4- TYPICAL FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0
1.2
1.4
0.001
0.01
0.1
1.0
10
FORWARD VOLTAGE. (V)
FIG.6- TYPICAL JUNCTION CAPACITANCE
.1
.5
1
5
2
10 20
50
100 200
500 1000
10
0
20
30
40
50
60
70
REVERSE VOLTAGE. (V)
HER101~HER105
HER106~HER108
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - HER108

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER108 MOSPEC-HER108 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Zibo Seno Electronic En...
HER108 ZSELEC-HER108 Datasheet
113Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Taiwan Semiconductor Co...
HER108 TSC-HER108 Datasheet
553Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Leshan Radio Company
HER108 LRC-HER108 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
logo
DONGGUAN YOU FENG WEI E...
HER108 YFWDIODE-HER108 Datasheet
425Kb / 3P
   High Efficiency Silicon Rectifiers
More results

Similar Description - HER108

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER101 MCC-HER101 Datasheet
368Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_13 Datasheet
743Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101 MCC-HER101_11 Datasheet
725Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S_13 Datasheet
750Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S_11 Datasheet
732Kb / 3P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
HER101S MCC-HER101S Datasheet
388Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
HER101-DO41 YFWDIODE-HER101-DO41 Datasheet
307Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Micro Commercial Compon...
1H1 MCC-1H1 Datasheet
363Kb / 2P
   1.0 Amp High Efficient Rectifier 50 - 1000 Volts
1H1G MCC-1H1G_17 Datasheet
469Kb / 3P
   1.0 Amp High Efficient Rectifier 50 - 1000 Volts
1H1 MCC-1H1_13 Datasheet
378Kb / 2P
   1.0 Amp High Efficient Rectifier 50 - 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com