Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1116TZ Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1116TZ
Description  Fiber Optic Transmitter and Receiver Data Links for 155 MBd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1116TZ Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1116TZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Shipping Container
The data link modules are packaged in a shipping
container designed to protect it from mechanical and ESD
damage during shipment or storage.
Board Layout – Interface Circuit and Layout Guidelines
It is important to take care in the layout of your circuit
board to achieve optimum performance from these data
link modules. Figure 7 provides a good example of a
power supply filter circuit that works well with these parts.
Also, suggested signal terminations for the Data, Data-bar,
Signal Detect and Signal Detect-bar lines are shown. Use
of a multilayer, ground-plane printed circuit board will
provide good high-frequency circuit performance with
a low inductance ground return path. See additional
recommendations noted in the interface schematic
shown in Figure 7.
Figure 7. Recommended interface circuitry and power supply filter circuits.
Notes:
1. Resistance is in ohms. Capacitance is in microfarads. Inductance is in microhenries.
2. Terminate transmitter input data and data-bar at the transmitter input pins. Terminate the receiver output data, data-bar, and signal detect-bar at
the follow-on device input pins. For lower power dissipation in the signal detect termination circuitry with small compromise to the signal quality,
each signal detect output can be loaded with 510 ohms to ground instead of the two resistor, split-load pecl termination shown in this schematic.
3. Make differential signal paths short and of same length with equal termination impedance.
4. Signal traces should be 50 ohms microstrip or stripline transmission lines. Use multilayer, ground-plane printed circuit board for best high-
frequency performance.
5. Use high-frequency, monolithic ceramic bypass capacitors and low series DC resistance inductors. Recommend use of surface-mount coil
inductors and capacitors. In low noise power supply systems, ferrite bead inductors can be substituted for coil inductors. Locate power supply
filter components close to their respective power supply pins. C7 is an optional bypass capacitor for improved, low-frequency noise power supply
filter performance.
6. Device ground pins should be directly and individually connected to ground.
7. Caution: do not directly connect the fiber-optic module PECL outputs (data, data-bar, signal detect, signal detect-bar, VBB) to ground without
proper current limiting impedance.
8. (*) Optional metal ST optical port transmitter and receiver modules will have pins 8 and 9 electrically connected to the metal port only and not
connected to the internal signal ground.
NC 8
9 NC
7
10 GND
GND 6
11 VCC1
GND 5
12 VCC
GND 4
13 GND
GND 3
14 D
VBB 2
15 D
NC 1
16 NC
HFBR-1116T fig 7a
NO
PIN
Tx
A
C2
0.1
*
L2
1
R3
82
R4
130
R2
82
R1
130
C2
0.1
+5 Vdc
GND
DATA
DATA
TERMINATE D, D
AT Tx INPUTS
*
NC 8
9 NC
GND 7
10
VCC 6
11 GND
VCC 5
12 GND
VCC 4
13 GND
D 3
14 SD
D 2
15 SD
NC 1
16
HFBR-1116T fig 7b
Rx
A
*
L1
1
R12
130
DATA
DATA
TERMINATE D, D, SD, SD
INPUTS OF FOLLOW-ON DEVICES
*
NO
PIN
NO
PIN
C1
0.1
C7
10
(OPTIONAL)
C3
0.1
C4
10
R6
130
R8
130
R5
82
R7
82
R9
82
C6
0.1
SD
R11
82
SD
R10
130
TOP VIEWS


Similar Part No. - HFBR-1116TZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
More results

Similar Description - HFBR-1116TZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1116T HP-HFBR-1116T Datasheet
282Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
HFBR-1115T HP-HFBR-1115T Datasheet
291Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Broadcom Corporation.
HFBR-1115TZ BOARDCOM-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
HFBR-1115TZ AVAGO-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1119T HP-HFBR-1119T Datasheet
284Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
   5 MBd Fiber Optic Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com