Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-1116TZ Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-1116TZ
Description  Fiber Optic Transmitter and Receiver Data Links for 155 MBd
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-1116TZ Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-1116TZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-1116TZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Transmitter and Receiver Signaling Rate Range and
BER Performance
For purposes of definition, the symbol rate (Baud), also
called signaling rate, is the reciprocal of the symbol time.
Data rate (bits/sec) is the symbol rate divided by the
encoding factor used to encode the data (symbols/bit).
When used in 115 Mbps SONET OC-3 applications, the
performance of Avago Technologies’ 1300 nm data link
modules, HFBR- 1116TZ/-2116TZ, is guaranteed to the full
conditions listed in the individual product specification
tables.
The data link modules may be used for other applications
at signaling rates different than the 155 Mbps with some
variation in the link optical power budget. Figure 5 gives
an indication of the typical performance of these 1300 nm
products at different rates.
These data link modules can also be used for applications
which require different bit-error-ratio (BER) performance.
Figure 6 illustrates the typical trade-off between link BER
and the receiver input optical power level.
Data Link Jitter Performance
The Avago 1300 nm data link modules are designed to
operate per the system jitter allocations stated in Table B1
of Annex B of the ANSI T1E1.2 Revision 3 standard.
The 1300 nm transmitter will tolerate the worst-case input
electrical jitter allowed in Annex B without violating the
worst-case output jitter requirements.
The 1300 nm receiver will tolerate the worst-case input
optical jitter allowed in Annex B without violating the
worst-case output electrical jitter allowed.
The jitter specifications stated in the following transmitter
and receiver specification table are derived from the
values in Table B1 of Annex B. They represent the worst-
case jitter contribution that the transmitter and receiver
are allowed to make to the overall system jitter without
violating the Annex B allocation example. In practice, the
typical jitter contribution of the Avago Technologies’ data
link modules is well below the maximum amounts.
Recommended Handling Precautions
It is advised that normal static precautions be taken in
the handling and assembly of these data link modules to
prevent damage which may be induced by electrostatic
discharge (ESD). The HFBR-1116TZ/-2116TZ series meets
MIL-STD-883C Method 3015.4 Class 2.
Care should be taken to avoid shorting the receiver Data
or Signal Detect Outputs directly to ground without
proper currentlimiting impedance.
Solder and Wash Process Compatibility
The transmitter and receiver are delivered with protec-
tive process caps covering the individual ST* ports. These
process caps protect the optical subassemblies during
wave solder and aqueous wash processing and act as dust
covers during shipping.
These data link modules are compatible with either
industry standard wave- or hand-solder processes.
Figure 5. Transmitter/Receiver relative optical power budget at constant BER
vs. signaling rate.
Figure 6. Bit error ratio vs. relative receiver input optical power.
0
200
0
SIGNAL RATE (MBd)
25
75 100 125
2.5
2.0
1.5
1.0
175
HFBR-1116T fig 5
0.5
50
150
CONDITIONS:
1. PRBS 27-1
2. DATA SAMPLED AT CENTER OF DATA SYMBOL.
3. BER = 10-6
4. TA = 25° C
5. VCC = 5 Vdc
6. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
0.5
-6
4
1 x 10-2
RELATIVE INPUT OPTICAL POWER – dB
-4
2
HFBR-1116T fig 6
-2
0
1 x 10-4
1 x 10-6
1 x 10-8
1 x 10-10
1 x 10-11
CONDITIONS:
1. 155 MBd
2. PRBS 27-1
3. TA = 25° C
4. VCC = 5 Vdc
5. INPUT OPTICAL RISE/FALL TIMES = 1.0/2.1 ns.
1 x 10-12
1 x 10-9
1 x 10-7
1 x 10-5
1 x 10-3
CENTER OF SYMBOL


Similar Part No. - HFBR-1116TZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
More results

Similar Description - HFBR-1116TZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-1116TZ BOARDCOM-HFBR-1116TZ Datasheet
189Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1116T HP-HFBR-1116T Datasheet
282Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 155 MBd
HFBR-1115T HP-HFBR-1115T Datasheet
291Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Broadcom Corporation.
HFBR-1115TZ BOARDCOM-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1119TZ AVAGO-HFBR-1119TZ Datasheet
149Kb / 10P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
HFBR-1115TZ AVAGO-HFBR-1115TZ Datasheet
597Kb / 12P
   Fiber Optic Transmitter and Receiver Data Links for 125 MBd
logo
Agilent(Hewlett-Packard...
HFBR-1119T HP-HFBR-1119T Datasheet
284Kb / 11P
   Fiber Optic Transmitter and Receiver Data Links for 266 MBd
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
OPTEK Technologies
OPF520 OPTEK-OPF520 Datasheet
231Kb / 3P
   5 MBd Fiber Optic Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1310Z AVAGO-AFBR-1310Z Datasheet
604Kb / 6P
   Fiber Optic Transmitter for Multi GHz Analog Links
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com