Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7MBR35SB-120 Datasheet(PDF) 7 Page - Fuji Electric

Part # 7MBR35SB-120
Description  IGBT(1200V/35A/PIM)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

7MBR35SB-120 Datasheet(HTML) 7 Page - Fuji Electric

  7MBR35SB-120 Datasheet HTML 1Page - Fuji Electric 7MBR35SB-120 Datasheet HTML 2Page - Fuji Electric 7MBR35SB-120 Datasheet HTML 3Page - Fuji Electric 7MBR35SB-120 Datasheet HTML 4Page - Fuji Electric 7MBR35SB-120 Datasheet HTML 5Page - Fuji Electric 7MBR35SB-120 Datasheet HTML 6Page - Fuji Electric 7MBR35SB-120 Datasheet HTML 7Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IGBT Modules
7MBR35SB120
21
20
19
18
17
16
15
14
10
1
6
5
4
3
2
122±1
110±0.3
94.5±0.3
99.6±0.3
13.09
15.24
19.05
19.05
15.24
14.995
15.24
15.24
15.24
15.24
15.24
22.86
8-R2.25±0.3
4-ø5.5±0.3
3.81
3.81
4.055
A
A
11.5
+0.5
0
Shows theory dimensions
ø2.5±0.1
ø2.1±0.1
Section A-A
1.15±0.2
ø0.4
3.81
4=15.24
M712
Outline Drawings, mm


Similar Part No. - 7MBR35SB-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR35SB-120 FUJI-7MBR35SB-120 Datasheet
440Kb / 10P
   IGBT Module
More results

Similar Description - 7MBR35SB-120

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
7MBR35UB120 FUJI-7MBR35UB120 Datasheet
194Kb / 7P
   IGBT MODULE (U series) 1200V / 35A / PIM
7MBR35UA120 FUJI-7MBR35UA120 Datasheet
186Kb / 7P
   IGBT MODULE (U series) 1200V / 35A / PIM
logo
MacMic
MMG35CE120XB6TC MACMIC-MMG35CE120XB6TC Datasheet
1Mb / 9P
   1200V 35A PIM Module
MMG35HD120XB6TC MACMIC-MMG35HD120XB6TC Datasheet
458Kb / 9P
   1200V 35A PIM Module
logo
Fuji Electric
6MBI35S-120 FUJI-6MBI35S-120 Datasheet
498Kb / 4P
   IGBT(1200V/35A)
logo
Fairchild Semiconductor
FGL35N120FTD FAIRCHILD-FGL35N120FTD Datasheet
732Kb / 9P
   1200V, 35A Trench IGBT
logo
Fuji Electric
7MBR25SA120 FUJI-7MBR25SA120 Datasheet
625Kb / 7P
   IGBT(1200V/25A/PIM)
7MBR15SA120 FUJI-7MBR15SA120 Datasheet
643Kb / 7P
   IGBT(1200V/15A/PIM)
7MBR25NE120 FUJI-7MBR25NE120 Datasheet
492Kb / 9P
   IGBT (1200V/25A/PIM)
7MBR50SB120 FUJI-7MBR50SB120 Datasheet
576Kb / 7P
   IGBT(1200V/50A/PIM)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com