Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC1110 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC1110
Description  PCM CODEC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC1110_14 Datasheet HTML 4Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 5Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 6Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 7Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 8Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 9Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 10Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 11Page - Texas Instruments TLV320AIC1110_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
TLV320AIC1110
SLAS359 – DECEMBER 2001
8
www.ti.com
detailed description (continued)
DTMF gain MUX
The DTMF gain MUX selects the signal path and applies the appropriate gain setting. Therefore the device is
either in tone mode or in voice mode. When set in the voice mode, the gain is controlled by the auxiliary register
and is set to 0 dB or 6 dB. When set in the tone mode, the gain is from –12 dB to 12 dB in 6-dB steps which
is set by the volume control register. The gain setting is controlled by the RXPGA register. This will not create
any control contention since the device is working in one mode at a time.
Terminal Functions
TERMINAL†
NAME
NO.
I/O
DESCRIPTION
NAME
µBGA
TQFP
I/O
DESCRIPTION
AVDD
A1
32
I
Analog positive power supply
AVSS
J1
8
I
Analog negative power supply (use for ground connection)
BUZZCON
F9
19
O
Buzzer output, a pulse-density modulated signal to apply to external buzzer driver
DVDD
J6
13
I
Digital positive power supply
DVSS
J7
14
I
Digital negative power supply
EAR1ON
A6
27
O
Earphone 1 amplifier output (–)
EAR1OP
A4
29
O
Earphone 1 amplifier output (+)
EAR2O
A2
31
O
Earphone 2 amplifier output
EARVDD
A5
28
I
Analog positive power supply for the earphone amplifiers
EARVSS
A3, A7
30, 26
I
Analog negative power supply for the earphone amplifiers
MBIAS
B1
1
O
Microphone bias supply output, no decoupling capacitors
MCLK
C9
22
I
Master system clock input (2.048 MHz, digital)
MIC1P
C1
2
I
MIC1 input (+)
MIC1N
D1
3
I
MIC1 input (–)
MIC2P
E1
4
I
MIC2 input (+)
MIC2N
F1
5
I
MIC2 input (–)
MUXIN
H1
7
I
Analog MUX input
MUXOUT1
J2
9
I
Analog MUX output
MUXOUT2
J3
10
I
Analog MUX output
PCMI
J8
15
I
Receive PCM input
PCMO
J9
16
O
Transmit PCM output
PCMSYN
G9
18
I
PCM frame sync
PCMCLK
H9
17
I
PCM data clock
PLLVSS
A9
24
I
PLL negative power supply
PLLVDD
A8
25
I
PLL digital power supply
PWRUPSEL
E9
20
I
Selects the power-up default mode
REXT
G1
6
I/O
Internal reference current setting terminal (use precision 100
-k
Ω resistor and no filtering capacitors)
RESET
D9
21
I
Active low reset
SCL
J5
12
I
I2C-bus serial clock. This input is used to synchronize the data transfer from and to the PCM codec.
SDA
J4
11
I/O
I2C-bus serial address/data input/output. This is a bidirectional terminal used to transfer register
control addresses and data into and out of the codec. It is an open
-drain terminal and therefore
requires a pullup resistor to VDD (typical 10 kΩ for 100 kHz).
VSS
B9
23
I
Ground return for bandgap internal reference (use for ground connection)
† All MicroStar Junior BGAt pins that are not mentioned have no internal connection.


Similar Part No. - TLV320AIC1110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1110 TI1-TLV320AIC1110_15 Datasheet
1,022Kb / 40P
[Old version datasheet]   Differential Earphone Outputs and One Single-Ended Earphone Output
More results

Similar Description - TLV320AIC1110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1103 TI-TLV320AIC1103 Datasheet
411Kb / 31P
[Old version datasheet]   PCM CODEC
TLV320AIC1107 TI-TLV320AIC1107 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com