Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS9001 Datasheet(PDF) 10 Page - Texas Instruments

Part # THS9001
Description  50 MHz to 750 MHz CASCADEABLE AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS9001 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS9001_14 Datasheet HTML 6Page - Texas Instruments THS9001_14 Datasheet HTML 7Page - Texas Instruments THS9001_14 Datasheet HTML 8Page - Texas Instruments THS9001_14 Datasheet HTML 9Page - Texas Instruments THS9001_14 Datasheet HTML 10Page - Texas Instruments THS9001_14 Datasheet HTML 11Page - Texas Instruments THS9001_14 Datasheet HTML 12Page - Texas Instruments THS9001_14 Datasheet HTML 13Page - Texas Instruments THS9001_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
THS9001
SLOS426C – NOVEMBER 2003 – REVISED DECEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS
Table 1. S-Parameters Tables of THS9001 with EVM De-Embedded
VS = 5 V, R(BIAS) = 237 , L(COL) = 470 nH
S21
S11
S22
S12
Frequency
Gain (dB)
Phase (deg)
Gain (dB)
Phase (deg)
Gain (dB)
Phase (deg)
Gain (dB)
Phase (deg)
(MHz)
1.0
-3.5
-165.0
-2.3
-1.1
-2.6
174.8
-64.4
-121.7
5.0
11.7
-127.1
-1.5
-14.9
-2.8
140.4
-32.4
123.0
10.2
15.8
-150.1
-2.2
-42.3
-5.3
99.8
-23.6
79.5
19.7
16.3
-170.8
-6.6
-69.3
-10.7
64.5
-21.1
40.7
50.1
15.9
175.7
-16.2
-90.3
-16.2
33.9
-20.6
14.5
69.7
15.8
171.5
-21.1
-95.4
-16.9
26.4
-20.6
9.4
102.4
15.7
165.7
-32.3
-86.5
-17.1
19.9
-20.6
5.3
150.5
15.6
158.2
-28.0
45.9
-16.8
14.7
-20.7
2.1
198.1
15.5
151.1
-21.9
46.8
-16.2
10.8
-20.7
0.1
246.9
15.3
144.1
-18.9
37.2
-15.3
6.0
-20.7
-1.4
307.6
15.2
135.3
-16.0
27.8
-14.2
-1.8
-20.6
-3.9
362.8
15.0
127.8
-14.2
17.4
-13.3
-9.2
-20.6
-5.9
405.0
14.9
121.9
-12.8
10.9
-12.6
-16.0
-20.6
-8.2
452.2
14.7
115.4
-11.6
3.0
-11.8
-23.9
-20.6
-10.8
504.7
14.5
108.4
-10.3
-6.0
-10.9
-33.0
-20.7
-14.2
563.4
14.4
100.3
-8.9
-17.4
-9.8
-45.2
-20.9
-19.3
595.3
14.2
96.0
-8.2
-23.3
-9.2
-52.2
-21.0
-22.6
664.5
14.1
87.0
-6.7
-36.9
-8.0
-68.3
-21.7
-30.5
702.1
14.0
80.9
-5.9
-44.6
-7.3
-79.1
-22.5
-38.6
741.8
13.9
76.5
-5.1
-54.0
-6.8
-91.4
-24.0
-44.9
828.1
13.5
62.2
-4.3
-76.1
-6.3
-113.2
-26.5
-35.0
874.9
13.0
54.0
-4.1
-84.6
-5.9
-126.0
-27.0
-49.0
924.4
12.8
44.9
-3.6
-93.1
-5.1
-136.8
-28.0
-62.9
976.7
11.6
35.9
-3.5
-104.4
-5.3
-157.8
-34.0
-104.4
1031.9
11.1
33.0
-3.4
-115.7
-5.8
-172.3
-37.1
107.9
1090.3
10.4
29.2
-3.3
-122.0
-5.7
-173.4
-37.8
162.5
1151.9
10.3
22.2
-3.0
-131.3
-4.8
179.4
-31.1
169.5
1217.1
9.7
4.7
-2.9
-142.3
-3.9
161.9
-26.3
137.1
1285.9
8.6
0.7
-2.9
-151.7
-3.6
147.6
-22.7
121.9
1358.6
7.3
-8.3
-2.9
-161.2
-3.4
134.6
-20.6
116.5
1435.5
5.8
-14.5
-3.0
-170.1
-3.2
122.6
-18.8
105.2
1516.6
4.6
-22.7
-3.1
-178.6
-3.2
112.1
-17.2
96.0
1602.4
3.2
-28.4
-3.1
173.2
-3.1
101.7
-15.7
87.0
1693.0
1.5
-38.0
-3.1
165.1
-3.0
92.4
-14.3
79.2
1788.8
-0.5
-47.9
-3.1
157.6
-2.9
83.6
-13.1
68.8
1889.9
-2.5
-51.0
-3.2
148.8
-2.7
74.4
-12.4
56.9
1996.8
-4.1
-49.0
-3.4
139.5
-2.3
65.0
-12.2
48.2
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: THS9001


Similar Part No. - THS9001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9001 TI-THS9001_15 Datasheet
1Mb / 23P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
More results

Similar Description - THS9001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9000 TI-THS9000_15 Datasheet
1Mb / 24P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001_15 Datasheet
1Mb / 23P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9000 TI-THS9000 Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Mini-Circuits
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
   Directional Coupler 50廓 50 to 750 MHz
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
JDC-10-2 MINI-JDC-10-2 Datasheet
310Kb / 1P
   Directional Coupler 50廓 5 to 750 MHz
logo
BeRex Corporation
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
logo
Motorola, Inc
MHW7142 MOTOROLA-MHW7142 Datasheet
51Kb / 2P
   750 MHz CATV Conventional Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com