Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS9001 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS9001
Description  50 MHz to 750 MHz CASCADEABLE AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS9001 Datasheet(HTML) 2 Page - Texas Instruments

  THS9001_14 Datasheet HTML 1Page - Texas Instruments THS9001_14 Datasheet HTML 2Page - Texas Instruments THS9001_14 Datasheet HTML 3Page - Texas Instruments THS9001_14 Datasheet HTML 4Page - Texas Instruments THS9001_14 Datasheet HTML 5Page - Texas Instruments THS9001_14 Datasheet HTML 6Page - Texas Instruments THS9001_14 Datasheet HTML 7Page - Texas Instruments THS9001_14 Datasheet HTML 8Page - Texas Instruments THS9001_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
THS9001
SLOS426C – NOVEMBER 2003 – REVISED DECEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS
PACKAGED DEVICE(1)
PACKAGE TYPE
TRANSPORT MEDIA, QUANTITY
THS9001DBVT
Tape and Reel, 250
SOT-23-6
THS9001DBVR
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature (unless otherwise noted)
(1)
UNIT
VSS
Supply voltage, GND to VS
5.5
VI
Input voltage
GND to VS
Continuous power dissipation
See Dissipation Rating
table
TJ
Maximum junction temperature
150°C
TJ
Maximum junction temperature, continuous operation, long term reliability (2)
125°C
Tstg
Storage temperature
–65 to 150°C
ESD Ratings
HBM
2000
:
CDM
1500
MM
100
(1)
The absolute maximum ratings under any condition is limited by the constraints of the silicon process. Stresses above these ratings may
cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied.
(2)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability and/or lifetime of the device.
DISSIPATION RATING TABLE
POWER RATING(1)
θJC
θJA
PACKAGE
(°C/W)
(°C/W)
TA ≤ 25°C
TA = 85°C
DBV(2)
70.1
215
463 W
185 mW
(1)
Power rating is determined with a junction temperature of 125°C. Thermal management of the final PCB should strive to keep the
junction temperature at or below 125°C for best performance.
(2)
This data was taken using the JEDEC standard High-K test PCB.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VSS
Supply voltage
2.7
5
V
TA
Operating free-air temperature,
–40
85
°C
IS
Supply current
100
mA
2
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: THS9001


Similar Part No. - THS9001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9001 TI-THS9001_15 Datasheet
1Mb / 23P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
More results

Similar Description - THS9001_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS9000 TI-THS9000_15 Datasheet
1Mb / 24P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001_15 Datasheet
1Mb / 23P
[Old version datasheet]   50 MHz to 750 MHz CASCADEABLE AMPLIFIER
THS9000 TI-THS9000 Datasheet
505Kb / 18P
[Old version datasheet]   50 MHz to 400 MHz CASCADEABLE AMPLIFIER
THS9001 TI-THS9001 Datasheet
451Kb / 17P
[Old version datasheet]   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
   50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Mini-Circuits
JDC-20-1W MINI-JDC-20-1W Datasheet
307Kb / 1P
   Directional Coupler 50廓 50 to 750 MHz
TCD-10-1W MINI-TCD-10-1W Datasheet
286Kb / 1P
   Directional Coupler 50廓 10 to 750 MHz
JDC-10-2 MINI-JDC-10-2 Datasheet
310Kb / 1P
   Directional Coupler 50廓 5 to 750 MHz
logo
BeRex Corporation
BG18A BEREX-BG18A Datasheet
689Kb / 10P
   50-4000 MHz Cascadeable InGaP HBT Gain Block
logo
Motorola, Inc
MHW7142 MOTOROLA-MHW7142 Datasheet
51Kb / 2P
   750 MHz CATV Conventional Hybrid Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com