Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5715 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5715
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5715 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5715 Datasheet HTML 4Page - Texas Instruments TAS5715 Datasheet HTML 5Page - Texas Instruments TAS5715 Datasheet HTML 6Page - Texas Instruments TAS5715 Datasheet HTML 7Page - Texas Instruments TAS5715 Datasheet HTML 8Page - Texas Instruments TAS5715 Datasheet HTML 9Page - Texas Instruments TAS5715 Datasheet HTML 10Page - Texas Instruments TAS5715 Datasheet HTML 11Page - Texas Instruments TAS5715 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 75 page
background image
TAS5715
SLOS645 – AUGUST 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
DVDD, AVDD
–0.3 to 3.6
V
Supply voltage
PVDD_x
–0.3 to 30
V
3.3-V digital input
–0.5 to DVDD + 0.5
V
Input voltage
5-V tolerant(2) digital input (except MCLK)
–0.5 to DVDD + 2.5(3)
V
5-V tolerant MCLK input
–0.5 to AVDD + 2.5(3)
V
OUT_x to PGND_x
32(4)
V
BST_x to PGND_x
43(4)
V
Input clamp current, IIK
±20
mA
Output clamp current, IOK
±20
mA
Operating free-air temperature
0 to 85
°C
Operating junction temperature range
0 to 150
°C
Storage temperature range, Tstg
–40 to 125
°C
(1)
Stresses beyond those listed under absolute ratings may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under recommended operation conditions are
not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage should not exceed 6.0V
(4)
DC voltage + peak ac waveform measured at the pin should be below the allowed limit for all conditions.
DISSIPATION RATINGS
(1)
DERATING FACTOR
TA ≤ 25°C
TA = 45°C
TA = 70°C
PACKAGE
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
7-mm × 7-mm HTQFP
20 mW/°C
2 W
1.6 W
1.1 W
(1)
This data was taken using 1 oz trace and copper pad that is soldered directly to a JEDEC standard high-k PCB. The thermal pad must
be soldered to a thermal land on the printed-circuit board. See TI Technical Briefs SLMA002 for more information about using the
HTQFP thermal pad
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Digital/analog supply voltage
DVDD, AVDD
3
3.3
3.6
V
Half-bridge supply voltage
PVDD_x
8
26
V
VIH
High-level input voltage
5-V tolerant
2
V
VIL
Low-level input voltage
5-V tolerant
0.8
V
TA
Operating ambient temperature range
0
85
°C
TJ
(1)
Operating junction temperature range
0
125
°C
RL (BTL)
Load impedance
Output filter: L = 15 mH, C = 680 nF.
4
8
Minimum output inductance under
10
LO (BTL)
Output-filter inductance
mH
short-circuit condition
(1)
Continuous operation above the recommended junction temperature may result in reduced reliability and/or lifetime of the device.
PWM OPERATION AT RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
VALUE
UNIT
11.025/22.05/44.1-kHz data rate ±1%
352.8
kHz
Output sample rate
48/24/12/8/16/32-kHz data rate ±1%
384
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TAS5715


Similar Part No. - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5715 TI-TAS5715 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHP TI-TAS5715PHP Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715PHPR TI-TAS5715PHPR Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5715

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713_101 TI-TAS5713_101 Datasheet
1Mb / 65P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com