Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5614LA Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS5614LA
Description  150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5614LA Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5614LA_14 Datasheet HTML 7Page - Texas Instruments TAS5614LA_14 Datasheet HTML 8Page - Texas Instruments TAS5614LA_14 Datasheet HTML 9Page - Texas Instruments TAS5614LA_14 Datasheet HTML 10Page - Texas Instruments TAS5614LA_14 Datasheet HTML 11Page - Texas Instruments TAS5614LA_14 Datasheet HTML 12Page - Texas Instruments TAS5614LA_14 Datasheet HTML 13Page - Texas Instruments TAS5614LA_14 Datasheet HTML 14Page - Texas Instruments TAS5614LA_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
0.001
0.01
0.1
1
10
20
100
1k
10k
20k
Frequency − Hz
1 W
10 W
100 W
TC = 75°C
G002
0
20
40
60
80
100
120
140
160
10
15
20
25
30
35
40
PVDD − Supply Voltage − V
4
8
TC = 75°C
G004
0.005
0.01
0.1
1
10
0.02
0.1
1
10
100 200
PO − Output Power − W
4
8
TC = 75°C
G001
0
20
40
60
80
100
120
140
160
180
200
10
15
20
25
30
35
40
PVDD − Supply Voltage − V
4
8
TC = 75°C
THD+N at 10%
G003
TAS5614LA
www.ti.com
SLAS846 – MAY 2012
TYPICAL CHARACTERISTICS, BTL CONFIGURATION
Measurement conditions are: 1kHz, PVDD_X = 36 V, GVDD_X = 12 V, RL = 4Ω, fS = 384 kHz, ROC = 24 kΩ, TC = 75°C,
Output Filter: LDEM = 10 μH, CDEM = 1 µF, 20Hz to 20kHz BW (AES17 low pass filter), unless otherwise noted.
OUTPUT POWER vs SUPPLY VOLTAGE
TOTAL HARMONIC+NOISE vs
vs
OUTPUT POWER, 1kHz
DISTORTION + NOISE = 10%
Figure 1.
Figure 2.
TOTAL HARMONIC DISTORTION + NOISE
OUTPUT POWER vs SUPPLY VOLTAGE, vs
vs FREQUENCY, 4
Ω
DISTORTION + NOISE = 1%
Figure 3.
Figure 4.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS5614LA


Similar Part No. - TAS5614LA_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
More results

Similar Description - TAS5614LA_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5624A TI1-TAS5624A Datasheet
963Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA Datasheet
952Kb / 31P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5624A TI-TAS5624A_15 Datasheet
1Mb / 32P
[Old version datasheet]   150-W Stereo / 300-W Mono PurePath??HD Digital Input Class-D Power Stage
TAS5624A TI1-TAS5624A_16 Datasheet
1Mb / 39P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI1-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   150-W Stereo and 300-W Mono PurePath HD Digital-Input Class-D Power Stage
TAS5614LA TI-TAS5614LA_15 Datasheet
1Mb / 42P
[Old version datasheet]   TAS5614LA 150-W Stereo and 300-W Mono PurePath??HD Digital-Input Class-D Power Stage
TAS5631B TI1-TAS5631B Datasheet
1Mb / 32P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath HD DIGITAL-INPUT POWER STAGE
NOVEMBER2010
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI-TAS5631 Datasheet
1Mb / 33P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5631 TI1-TAS5631_14 Datasheet
1Mb / 36P
[Old version datasheet]   300-W STEREO / 600-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com