Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC4392 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SRC4392
Description  Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SRC4392 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SRC4392 Datasheet HTML 2Page - Texas Instruments SRC4392 Datasheet HTML 3Page - Texas Instruments SRC4392 Datasheet HTML 4Page - Texas Instruments SRC4392 Datasheet HTML 5Page - Texas Instruments SRC4392 Datasheet HTML 6Page - Texas Instruments SRC4392 Datasheet HTML 7Page - Texas Instruments SRC4392 Datasheet HTML 8Page - Texas Instruments SRC4392 Datasheet HTML 9Page - Texas Instruments SRC4392 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
SRC4392
SBFS029D – DECEMBER 2005 – REVISED DECEMBER 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: General, SRC, DIR, and DIT (continued)
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise
noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL AUDIO INTERFACE RECEIVER (DIR)
PLL Lock Range
20
216
kHz
Reference Clock Input (RXCKI) Frequency, fRXCKI
3.5
27.7
MHz
Reference Clock Input (RXCKI) Duty Cycle, fRXCKID
45
55
%
Recovered Clock Output (RXCKO) Frequency, fRXCKO
3.5
27.7
MHz
Recovered Clock Output (RXCKO) Duty Cycle, fRXCKOD
45
55
%
Recovered Clock Output (RXCKO) Intrinsic Jitter
Measured cycle-to-cycle
250
ps RMS
DIGITAL AUDIO INTERFACE TRANSMITTER (DIT)
Intrinsic Output Jitter
Measured cycle-to-cycle
200
ps RMS
ELECTRICAL CHARACTERISTICS: Audio Serial Ports
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AUDIO SERIAL PORTS (Port A and Port B)
LRCK Clock Frequency, fLRCK
0
216
kHz
LRCK Clock Duty Cycle, tLRCKD
50
%
BCK Clock Frequency, fBCK
0
13.824
MHz
BCK High Pulse Width, tBCKH
10
ns
BCK Low Pulse Width, tBCKL
10
ns
Audio Data Input (SDIN) Setup Time, tAIS
10
ns
Audio Data Input (SDIN) Hold Time, tAISH
10
ns
Audio Data Output (SDOUT) Delay, tADD
10
ns
ELECTRICAL CHARACTERISTICS: SPI Interface
All specifications are at TA = +25°C, VDD18 = +1.8V, VDD33 = +3.3V, VIO = +3.3V, and VCC = +3.3V, unless otherwise noted.
SRC4392
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
HOST INTERFACE: SPI Mode
Serial Clock (CCLK) Frequency, fCCLK
0
40
MHz
CS Falling to CCLK Rising, tCSCR
8
ns
CCLK Falling to CS Rising, tCFCS
7
ns
CDIN Data Setup Time, tCDS
7
ns
CDIN Data Hold Time, tCDH
6
ns
CCLK Falling to CDOUT Data Valid, tCFDO
3
ns
CS Rising to CDOUT High-Impedance, tCSZ
3
ns
6
Submit Documentation Feedback
Copyright © 2005–2012, Texas Instruments Incorporated
Product Folder Links: SRC4392


Similar Part No. - SRC4392

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFB BURR-BROWN-SRC4392IPFB Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBG4 BURR-BROWN-SRC4392IPFBG4 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBR BURR-BROWN-SRC4392IPFBR Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
SRC4392IPFBRG4 BURR-BROWN-SRC4392IPFBRG4 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
More results

Similar Description - SRC4392

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
SRC4382 BURR-BROWN-SRC4382 Datasheet
7Mb / 81P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
SRC4382 TI1-SRC4382_14 Datasheet
1Mb / 84P
[Old version datasheet]   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
SRC4392 BURR-BROWN-SRC4392 Datasheet
6Mb / 79P
   Two-Channel, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver and Transmitter
logo
Cirrus Logic
CS8422 CIRRUS-CS8422_09 Datasheet
734Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
CS8422 CIRRUS-CS8422_10 Datasheet
995Kb / 82P
   24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com