Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2424S-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # B2424S-1W
Description  SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B2424S-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B2424S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B2424S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_S-1W&B_D-1W
B/2-2012
Page 1 of 5
B_S-1W & B_D-1W Series
1W, FIXED INPUT ISOLATED & UNREGULATED
SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
RoHS
PART NUMBER SYSTEM
B0505S-1W
Product Series
Input Voltage
Output Voltage
Package Style
Rated Power
FEATURES
● Efficiency up to 80%
● Miniature SIP/DIP Package
● 1KVDC Isolation
● Operating Temperature Range:
-40
°C ~ +85°C
● Low Temperature Rise
● No External Component Required
● PCB Mounting
● Industry Standard Pinout
APPLICATIONS
The B_S-1W & B_D-1W Series are designed for
application where isolated output is required from a
distributed power system.
These products apply to where:
1)
Input voltage variation
≤ ±10%;
2)
1KVDC input and output isolation;
3)
Regulated and low ripple noise is not required.
Such as: digital circuits, low frequency analog circuits,
and IGBT power device driving circuits.
SELECTION GUIDE
Input Voltage(VDC)
Output Current
(mA)
Input Current
(mA)(typ.)
Model
Number
Nominal
(Range)
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No
Load
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, typ.)
@Max.
Load
Approval
B0303S/D-1W
3.3
303
30
417
72
B0305S/D-1W
3.3
(2.97-3.63)
5
200
20
392
50
15
74
B0503S/D-1W
3.3
303
30
271
72
B0505S/D-1W
5
200
20
270
70
UL CE
B0507S/D-1W
7.2
138
14
252
72
B0509S/D-1W
9
111
12
252
78
UL CE
B0512S/D-1W
12
83
9
248
79
UL CE
B0515S/D-1W
15
67
7
247
80
UL CE
B0524S-1W
5
(4.5-5.5)
24
42
4
240
31
20
77
B1203S/D-1W
3.3
303
30
110
72
B1205S/D-1W
5
200
20
116
71
UL CE
B1209S/D-1W
9
111
12
105
76
UL CE
B1212S/D-1W
12
83
9
104
78
UL CE
B1215S/D-1W
12
(10.8-13.2)
15
67
7
101
16
23
80
UL CE
B1505S/D-1W
5
200
20
92
71
B1515S-1W
15
(13.5-16.5)
15
67
6
85
14
18
78
B2403S/D-1W
3.3
303
30
57
71
B2405S/D-1W
5
200
20
57
73
UL CE
B2409S/D-1W
9
111
12
52
78
UL CE
B2412S/D-1W
12
83
9
50
79
UL CE
B2415S/D-1W
15
67
7
50
80
UL CE
B2424S-1W
24
(21.6-26.4)
24
42
4
50
8
61
220
80
Note: The B_S-W2 & B_D-W2 series also are available in our company.


Similar Part No. - B2424S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B2424S-1W MORNSUN-B2424S-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
logo
Guangzhou Reicu Electro...
B2424S-1W REICU-B2424S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2424S-1WR2 MORNSUN-B2424S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
logo
Guangzhou Reicu Electro...
B2424S-1WR2 REICU-B2424S-1WR2 Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2424S-1WR3 MORNSUN-B2424S-1WR3 Datasheet
1Mb / 5P
   1W isolated DC-DC converter Fixed input voltage, unregulated single output
2021.12.13-A/3
More results

Similar Description - B2424S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IB0505LS-1W REICU-IB0505LS-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-1W REICU-B0303S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-W5 REICU-B0303S-W5 Datasheet
3Mb / 1P
   1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
IF0505S-1W REICU-IF0505S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-2W REICU-B0303S-2W Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com