Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1215S-2W Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # B1215S-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1215S-2W Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  B1215S-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1215S-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1215S-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1215S-2W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1215S-2W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_S-2W & B_S-2W
B/1-2012
Page 5 of 5
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full
load. If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or
use our company
’s products with a lower rated output power (A_S-1W / B_LS-1W Series).
2) Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is add a circuit
breaker to the circuit.
3) Recommended circuit
If you want to further decrease the input/output ripple, an capacitor filtering network may be connected to the input and output ends of the DC/DC
converter, see (Figure 3).
It should also be noted that the capacitance of filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every
channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
C out
-Vo
Dual O utput
Single Output
Vin
GND
+Vo
0V
DC
Cin
DC
C out
(Figure 3)
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(
µF)
Single Vout
(VDC)
Cout
(
µF)
Dual
Vout
(VDC)
Cout
#
(
µF)
3.3/5
4.7
3.3/5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
15
2.2
12
2.2
±12
1
24
1
15
1
±15
0.47
--
--
24
1
±24
0.47
Note:
# For each output. It’s not recommended to connect any external capacitor in the
application field with less than 0.5 watt output.
4) Output Voltage Regulation and Over-voltage Protection Circuit
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear regulator and an capacitor filtering network
with overheat protection that is connected to the input or output end in series (Figure 4), the recommended capacitance of its filter capacitor sees
(Table 1), linear regulator based on the actual voltage and current to reasonable selection.
Vin
GND
0V
+Vo
DC
DC
-Vo
REG
REG
REG
Vin
GND
0V
+Vo
DC
DC
REG
REG
Dual Output
Single Output
(Figure 4)
5) Cannot use in parallel and hot swap
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed.
2. Max. Capacitive Load tested at input voltage range and full load.
3. All date in the datasheet are measured according to nominal input voltage, rated output load, TA=25
, humidity<75%, unless otherwise specified
.
4. In this datasheet, all the test methods of indications are based on our corporate standards.
5. The performance in the datasheet is just fit for the part number in the selection guide, and may be different from the customer-designed product,
you can get more details from MORNSUN FAE.
6. Contact us for your specific requirement.
7. Specifications subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - B1215S-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1215S-2W MORNSUN-B1215S-2W Datasheet
183Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
B1215S-2W REICU-B1215S-2W Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B1215S-2WR2 MORNSUN-B1215S-2WR2 Datasheet
811Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B1215S-2WR2 MORNSUN-B1215S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
B1215S-2WR2 MORNSUN-B1215S-2WR2 Datasheet
250Kb / 5P
   DC/DC Converter
More results

Similar Description - B1215S-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com