Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0512T-2W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B0512T-2W
Description  2W, Fixed input voltage , isolated unregulated single output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0512T-2W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B0512T-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0512T-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0512T-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0512T-2W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
B_(X)T-2W series
2014.05.22-B/1
Page 3 of4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
Tolerance Envelope Graph
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Output Voltage
Output Current Percentage(%)
Typical Loa
d Curve
70
(Nominal Input Voltage)
Fig.1
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambi ent Temperature()
Safe Operating Area
Tem peratu re Derating Graph
Fig.2
B0505(X)T-2W
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
B0505(X)T-2W
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=5V)
B2405(X)T-2W
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
Efficiency Vs Input Voltage (Full Load)
B2405(X)T-2W
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=24V)
Design Reference
1. Typical application
If it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see Fig.3.
Moreover, choosing suitable filter capacitor is very important, start-up problems may be caused by too large capacitance. To ensured the
modules running well, the recommended capacitive load values as shown in Table 1.
The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat
protection that is connected to the input or output end in series (see Fig. 4).
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig.3
Vin
GND
0V
+Vo
DC DC
REG
REG
Fig.4
Recommended capacitive load value table (Table 1)
Vin(VDC)
Cin(µF)
Vo (VDC)
Cout(µF)
3.3
4.7
3.3
10
5
4.7
5
10
12
2.2
9
2.2
15
1
12
2.2
24
0.47
15
1
--
--
24
0.47
It is not recommended to connect any external capacitor when output power is less than 0.5W.


Similar Part No. - B0512T-2W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
B0512T-1W RSG-B0512T-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0512T-W2 MORNSUN-B0512T-W2 Datasheet
209Kb / 4P
   DC/DC Converter
More results

Similar Description - B0512T-2W

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
logo
MORNSUN Science& Techno...
A0505S-2WR2 MORNSUN-A0505S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
logo
GAPTEC Electronic GmbH ...
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
MORNSUN Science& Techno...
A_S-2WR3 MORNSUN-A_S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.09.23-A/4
E_S-2WR3 MORNSUN-E_S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.03.17
logo
GAPTEC Electronic GmbH ...
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com