Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B2412LS-1WR Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B2412LS-1WR
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B2412LS-1WR Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B2412LS-1WR Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B2412LS-1WR Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B2412LS-1WR Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
A_S-1WR & B_LS-1WR
A/4-2012
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
1
6
2
Vin
GND
0V
5
+Vo
Daul
4
-Vo
Vin
GND
No Pin
+Vo
Single
0V
Note: grid 2.54*2.54mm.
(Botto m View)
(Fro nt View)
Note
Uni t mm[inch]
Pin section tole rances
0 .10mm[
0.0 04inch
Gen eral toleran ces
0.25m m[
0.010 inch ]
:
:
]
:
±
±±
N ote
U nit
mm[inc h]
G eneral tole rances
0 .50mm[
0. 020inch]
:
:
:±±
PIN
F OOT P RINT DE TA ILS
L=530mm[20.866inch] Devices per tube quantity: 25pcs
L=220mm[8.661inch]
Devices per tube quantity: 10pcs
Short tube inner package dimensions:
255*170*80mm
Short tube outer package dimensions
(with six inner package box): 375*280*270mm
Long tube inner package dimensions:
580*200*100mm
Long tube outer package dimensions
(with two inner package box): 600*215*220mm
Long tube outer package dimensions
(with three inner package box):600*215*325mm
8.30[0.327]
11.70[0.461]
5.00[0.197]
17.50[0.689]
19.50±0.50
[0.768]
±0.020
7.62
[0.300]
0.6±0.10
±0.004
[0.024]
12.70
[0.500]
MECHANICAL DIMENSIONS
TUBE OUTLINE DIMENSIONS
RECOMMENDED FOOTPRINT
(Side Vie w)
1
2
4
56
1
2
4
5
6
7.62
[0.300]
1.00
[0.040]
12.7
[0.500]
2.13
[0.084]
2.13
[0.084]
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the life of
product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. In this datasheet, all the test methods of indications are based on corporate standards.
4. Only typical models listed, other models may be different, please contact our technical person for more details.


Similar Part No. - B2412LS-1WR

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B2412LS-1WR2 MORNSUN-B2412LS-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
B2412LS-1WR2 REICU-B2412LS-1WR2 Datasheet
2Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B2412LS-1WR3 MORNSUN-B2412LS-1WR3 Datasheet
1Mb / 5P
   DC/DC Converter
2021.12.27-A/2
More results

Similar Description - B2412LS-1WR

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com