Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0524S-1W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B0524S-1W
Description  SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0524S-1W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B0524S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0524S-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_S-1W&B_D-1W
B/2-2012
Page 3 of 5
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASS A(External Circuit Refer to Figure1)
EMS
ESD
IEC/EN61000-4-2
Contact
±8KV perf. Criteria B
EMC RECOMMENDED CIRCUIT
EMI Recommended External Circuit:
V in
G ND
+ Vo
0V
EUT
L O AD
C1
V in
G ND
(Figure 1)
B_S-1W Series
Recommended external circuit parameters:
Vin:3.3V/5V/12V/15V/24V
C1:1
µF/50V
Note: Product bare input of 3V、5V、12V already
meet CLASS A, increase the capacitor margin
increase.
B_D-1W Series
Recommended external circuit parameters:
Vin 3.3V/5V:
C1:1
µF/50V
Vin :12V/15V/24V
C1:2.2
µF/50V
Note: Product bare input of 3.3V already meet
CLASS A, increase the capacitor margin increase.
PRODUCT TYPICAL CURVE
Tolerance Envelope Curve
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Ra ted
Outp ut
Volta ge
Outp ut Cu rrent Percent(%)
Typical L
oad Line
70
(Nominal Input Voltage)
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambient Temp.()
Temp erature D era ting C urve
Safe Oper ating Ar ea
Efficiency VS Input Voltage curve
(Full Load)
0
10
20
30
40
50
60
70
80
90
100
Input Voltage(V)
B0505S-1W
B0505D-1W
Efficiency VS Input Voltage curve
(Full Load)
0
10
20
30
40
50
60
70
80
90
100
Input Voltage(V)
B2405S-1W
B2405D-1W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Total Output Current (%)
B0505S-1W
B0505D-1W
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Total Output Current (%)
B2405S-1W
B2405D-1W


Similar Part No. - B0524S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0524S-1W MORNSUN-B0524S-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
logo
Guangzhou Reicu Electro...
B0524S-1W REICU-B0524S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0524S-1WR2 MORNSUN-B0524S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
logo
Guangzhou Reicu Electro...
B0524S-1WR2 REICU-B0524S-1WR2 Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0524S-1WR3 MORNSUN-B0524S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
More results

Similar Description - B0524S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
IB0505S-2W REICU-IB0505S-2W Datasheet
2Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
IB0505LS-1W REICU-IB0505LS-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-1W REICU-B0303S-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-W5 REICU-B0303S-W5 Datasheet
3Mb / 1P
   1600VDC Isolated 0.5W Single Output SIP/DIP-Package
REV:3.1
IF0505S-1W REICU-IF0505S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
B0303S-2W REICU-B0303S-2W Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com