Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0305T-W2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # B0305T-W2
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0305T-W2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  B0305T-W2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0305T-W2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0305T-W2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0305T-W2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DC/DC Converter
B_(X)T-W2 Series
2014.05.22-B/2
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Reflected Ripple Current
3.3V/5V input
--
20
--
mA
12V/24V input
--
5
--
Input Filter
Capacitor filter
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage
change: ±1%
3.3V output
--
--
±1.5
--
Other output
--
--
±1.2
Load Regulation
10%-100% load
3.3V output
--
15
20
%
5V output
--
12
15
9V output
--
9
12V output
--
8
15V output
--
7
24V output
--
6
Ripple & Noise*
20MHz bandwidth
--
50
75
mVp-p
Temperature Drift Coefficient
100% load
--
--
±0.03
%/℃
Output Short Circuit Protection**
--
--
1
s
Note: * Ripple and noise tested with “parallel cable” method, please see
DC-DC Converter Application Notes for specific operation methods.
** Supply voltage must be discontinued at the end of short circuit duration.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and the leak
current lower than 1mA
1000
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
MΩ
Operating Temperature
Derating if the temperature ≥85℃, (see Fig. 2)
-40
--
85
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃
--
15
--
Pin Welding Resistance Temperature
Welding spot is 1.5mm away from the casing, 10 seconds
--
--
300
Reflow Soldering Temperature
Peak temp.≤245℃,maximum duration
time≤60s at 217℃.
For actual application, please refer to
IPC/JEDEC J-STD-020D.1.
Storage Humidity
Non-condensing
--
--
95
%
Switching Frequency
100% load, nominal input
voltage
24V input
--
500
--
KHz
Other input
--
110
--
MTBF
MIL-HDFK-217F@25℃
3500
--
--
K hours
Physical Specifications
Casing Material
Black flame-retardant heat-proof epoxy resin (UL94-V0)
Package Dimensions
12.70*11.20*6.25 mm
Weight
1.4 g (Typ.)
Cooling Method
Free air convection
Product Characteristic Curve
Tolerance Envelope Graph
+10%
+5%
50
100
+2.5%
-2.5%
-7.5%
Rated
Output Voltage
Output Current Percentage(%)
Typical Load
Curve
70
(Nominal Input Voltage)
Fig. 1
120
100
80
60
40
20
0
-40
0
40
85 105 120
Ambient Temperature( )
Safe Operating Area
Temperatu re Derating Graph
Fig. 2


Similar Part No. - B0305T-W2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
B0305T-1W RSG-B0305T-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
More results

Similar Description - B0305T-W2

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com