Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49710 Datasheet(PDF) 1 Page - Texas Instruments

Part # LME49710
Description  High Performance, High Fidelity Audio Operational Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49710 Datasheet(HTML) 1 Page - Texas Instruments

  LME49710_14 Datasheet HTML 1Page - Texas Instruments LME49710_14 Datasheet HTML 2Page - Texas Instruments LME49710_14 Datasheet HTML 3Page - Texas Instruments LME49710_14 Datasheet HTML 4Page - Texas Instruments LME49710_14 Datasheet HTML 5Page - Texas Instruments LME49710_14 Datasheet HTML 6Page - Texas Instruments LME49710_14 Datasheet HTML 7Page - Texas Instruments LME49710_14 Datasheet HTML 8Page - Texas Instruments LME49710_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LME49710
www.ti.com
SNAS376B – NOVEMBER 2006 – REVISED MARCH 2007
LME49710 High Performance, High Fidelity Audio Operational Amplifier
Check for Samples: LME49710
1
FEATURES
APPLICATIONS
2
Easily drives 600
Ω loads
Ultra high quality audio amplification
Optimized for superior audio signal fidelity
High fidelity preamplifiers
Output short circuit protection
High fidelity multimedia
PSRR and CMRR exceed 120dB (typ)
State of the art phono pre amps
SOIC, DIP, TO-99 metal can packages
High performance professional audio
High fidelity equalization and crossover
networks
High performance line drivers
High performance line receivers
High fidelity active filters
DESCRIPTION
The LME49710 is part of the ultra-low distortion, low noise, high slew rate operational amplifier series optimized
and fully specified for high performance, high fidelity applications. Combining advanced leading-edge process
technology with state-of-the-art circuit design, the LME49710 audio operational amplifiers deliver superior audio
signal amplification for outstanding audio performance. The LME49710 combines extremely low voltage noise
density (2.5nV/Hz) with vanishingly low THD+N (0.00003%) to easily satisfy the most demanding audio
applications. To ensure that the most challenging loads are driven without compromise, the LME49710 has a
high slew rate of ±20V/
μs and an output current capability of ±26mA. Further, dynamic range is maximized by an
output stage that drives 2k
Ω loads to within 1V of either power supply voltage and to within 1.4V when driving
600
Ω loads.
The LME49710's outstanding CMRR(120dB), PSRR(120dB), and VOS (0.05mV) give the amplifier excellent
operational amplifier DC performance.
The LME49710 has a wide supply range of ±2.5V to ±17V. Over this supply range the LME49710’s input circuitry
maintains excellent common-mode and power supply rejection, as well as maintaining its low input bias current.
The LME49710 is unity gain stable. The Audio Operational Amplifier achieves outstanding AC performance while
driving complex loads with values as high as 100pF.
The LME49710 is available in 8–lead narrow body SOIC, 8–lead plastic DIP, and 8–lead metal can TO-99.
Demonstration boards are available for each package.
Table 1. Key Specifications
VALUE
UNIT
■ Power Supply Voltage Range
±2.5V to ±17V
■ THD+N (AV = 1, VOUT = 3VRMS, fIN = 1kHz)
RL = 2kΩ
0.00003% (typ)
RL = 600Ω
0.00003% (typ)
■ Input Noise Density
2.5nV/
√Hz (typ)
■ Slew Rate
±20V/
μs (typ)
■ Gain Bandwidth Product
55
MHz (typ)
■ Open Loop Gain (RL = 600Ω)
140
dB (typ)
■ Input Bias Current
7nA (typ)
■ Input Offset Voltage
0.05mV (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LME49710_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LME49710HA/NOPB TI1-LME49710HA/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710MA/NOPB TI1-LME49710MA/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710MAX/NOPB TI1-LME49710MAX/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49710NA/NOPB TI1-LME49710NA/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
More results

Similar Description - LME49710_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49740 NSC-LME49740 Datasheet
461Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49722 TI1-LME49722 Datasheet
195Kb / 13P
[Old version datasheet]   High Performance, High Fidelity Dual Audio Operational Amplifier
logo
National Semiconductor ...
LME49743 NSC-LME49743 Datasheet
491Kb / 20P
   Quad High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LM4562 TI1-LM4562_14 Datasheet
1Mb / 42P
[Old version datasheet]   Dual High-Performance, High-Fidelity Audio Operational Amplifier
LME49740 TI1-LME49740_14 Datasheet
553Kb / 24P
[Old version datasheet]   Quad High-Performance, High-Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LM4562 NSC-LM4562 Datasheet
2Mb / 33P
   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49720 TI1-LME49720_14 Datasheet
1Mb / 40P
[Old version datasheet]   Dual High Performance, High Fidelity Audio Operational Amplifier
logo
National Semiconductor ...
LME49724 NSC-LME49724 Datasheet
699Kb / 24P
   High Performance, High Fidelity, Fully-Differential Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com