Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LME49600 Datasheet(PDF) 10 Page - Texas Instruments

Part # LME49600
Description  High Performance, High Fidelity, High Current Audio Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LME49600 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LME49600_14 Datasheet HTML 6Page - Texas Instruments LME49600_14 Datasheet HTML 7Page - Texas Instruments LME49600_14 Datasheet HTML 8Page - Texas Instruments LME49600_14 Datasheet HTML 9Page - Texas Instruments LME49600_14 Datasheet HTML 10Page - Texas Instruments LME49600_14 Datasheet HTML 11Page - Texas Instruments LME49600_14 Datasheet HTML 12Page - Texas Instruments LME49600_14 Datasheet HTML 13Page - Texas Instruments LME49600_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LME49600
SNAS422D – JANUARY 2008 – REVISED MARCH 2008
www.ti.com
APPLICATION INFORMATION
HIGH PERFORMANCE, HIGH FIDELITY HEADPHONE AMPLIFIER
The LME49600 is the ideal solution for high output, high performance high fidelity head phone amplifiers. When
placed in the feedback loop of the LME49710, LME49720 or LME49740 High Performance, High Fidelity audio
operational amplifier, the LME49600 is able to drive 32
Ω headphones to a dissipation of greater than 500mW at
0.00003% THD+N while operating on ±15V power supply voltages. The circuit schematic for a typical headphone
amplifier is shown in Figure 27.
Operation
The following describes the circuit operation for the headphone amplifier’s Left Channel. The Right Channel
operates identically.
The audio input signal is applied to the input jack (HP31 or J1/J2) and dc-coupled to the volume control, VR1.
The output signal from VR1’s wiper is applied to the non-inverting input of U2-A, an LME49720 High
Performance, High Fidelity audio operational amplifier. U2-A’s AC signal gain is set by resistors R2, R4, and R6.
To allow for a DC-coupled signal path and to ensure minimal output DC voltage regardless of the closed-loop
gain, the other half of the U2 is configured as a DC servo. By constantly monitoring U2-A’s output, the servo
creates a voltage that compensates for any DC voltage that may be present at the output. A correction voltage is
generated and applied to the feedback node at U2-A, pin 2. The servo ensures that the gain at DC is unity.
Based on the values shown in Figure 27, the RC combination formed by R11 and C7 sets the servo’s high-pass
cutoff at 0.16Hz. This is over two decades below 20Hz, minimizing both amplitude and phase perturbations in the
audio frequency band’s lowest frequencies.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LME49600


Similar Part No. - LME49600_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49600TS NSC-LME49600TS Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600TS/NOPB TI1-LME49600TS/NOPB Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
More results

Similar Description - LME49600_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49600_0803 NSC-LME49600_0803 Datasheet
434Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49610 TI1-LME49610 Datasheet
488Kb / 21P
[Old version datasheet]   High Performance, High Fidelity, High Current Audio Buffer
logo
National Semiconductor ...
LME49610 NSC-LME49610 Datasheet
468Kb / 18P
   High Performance, High Fidelity, High Current Audio Buffer
LME49600 NSC-LME49600 Datasheet
415Kb / 20P
   High Performance, High Fidelity, High Current Audio Buffer
logo
Texas Instruments
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
LME49713 TI1-LME49713_14 Datasheet
945Kb / 18P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49871 NSC-LME49871 Datasheet
422Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713 TI1-LME49713 Datasheet
407Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
National Semiconductor ...
LME49713 NSC-LME49713 Datasheet
392Kb / 14P
   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
logo
Texas Instruments
LME49713HA TI1-LME49713HA Datasheet
433Kb / 16P
[Old version datasheet]   High Performance, High Fidelity Current Feedback Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com