Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1212S-2WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # B1212S-2WR2
Description  2W, FIXED INPUT, ISOLATED & UNREGULATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1212S-2WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  B1212S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1212S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_S-2WR2 & B_S-2WR2
2013.06.18- A/1
Page 5 of 5
3) Recommended Circuit
If you want to further decrease the input/output ripple, a capacitor filtering network may be connected to the input and output ends of the DC/DC
converter, see (Figure 3).
It should also be noted that the capacitance of filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every
channel of output, provided the safe and reliable operation is ensured, the recommended capacitance of its filter capacitor sees (Table 1).
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Cout
-Vo
Dual O utput
Sin gle Ou tput
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
(Figure 3)
EXTERNAL CAPACITOR TABLE (Table 1)
Vin
(VDC)
Cin
(
µF)
Single
Vout
(VDC)
Cout
(
µF)
Dual
Vout
(VDC)
Cout
#
(
µF)
5
4.7
3.3/5
10
±3.3/±5
4.7
12
2.2
12
2.2
±12
1
15
2.2
15/24
1
±15/±24
0.47
24
1
--
--
--
--
Note:
# for each output. It’s not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
4) The input and the output of the product are recommended to be connected to ceramic capacitor or electrolytic capacitor. Using tantalum
capacitor may cause risk of failure
5) It is not recommended to increase the output power capability by connecting two or more converters in parallel. The product is not
hot-swappable
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specifications.
2. Max. Capacitive Load is tested at nominal input voltage and full load.
3. Unless otherwise noted, All specifications are measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load.
4. In this datasheet, all test methods are based on our corporate standards.
5. All characteristics are for listed models, and non-standard models may perform differently. Please contact our technical support for more detail.
6. Please contact our technical support for any specific requirement.
7. Specifications of this product are subject to changes without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com


Similar Part No. - B1212S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1212S-2WR2 MORNSUN-B1212S-2WR2 Datasheet
811Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B1212S-2WR2 MORNSUN-B1212S-2WR2 Datasheet
250Kb / 5P
   DC/DC Converter
logo
Guangzhou Reicu Electro...
B1212S-2WR2 REICU-B1212S-2WR2 Datasheet
4Mb / 1P
   1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - B1212S-2WR2

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
GAPTEC Electronic GmbH ...
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
A0505LT-2W RSG-A0505LT-2W Datasheet
121Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W DUAL OUTPUT UTRALMINIATURE SMD PACKAGE
logo
GAPTEC Electronic GmbH ...
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com