Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1212S-2WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # A1212S-2WR2
Description  2W, FIXED INPUT, ISOLATED & UNREGULATED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1212S-2WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  A1212S-2WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1212S-2WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1212S-2WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1212S-2WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1212S-2WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_S-2WR2 & B_S-2WR2
2013.06.18- A/1
Page 4 of 5
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
95
100
Input Voltage(V)
B1212S-2WR2
Efficiency VS Output Load curve
(Vin=Vin-nominal)
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90 100
Total Output Current (%)
B1212S-2WR2
DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load. If the
actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our
company
’s products with a lower rated output power.
2) Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to add a circuit
breaker to the circuit.


Similar Part No. - A1212S-2WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1212S-2WR2 MORNSUN-A1212S-2WR2 Datasheet
811Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1212S-2WR2 MORNSUN-A1212S-2WR2 Datasheet
250Kb / 5P
   DC/DC Converter
More results

Similar Description - A1212S-2WR2

ManufacturerPart #DatasheetDescription
logo
GAPTEC Electronic GmbH ...
2S4A GAPTEC-2S4A Datasheet
1Mb / 3P
   2W - Single Output - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
RT2-S20D3WR RSG-RT2-S20D3WR Datasheet
720Kb / 5P
   2W, fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503T-2W MORNSUN-B0503T-2W Datasheet
360Kb / 4P
   2W, Fixed input voltage , isolated unregulated single output
logo
GAPTEC Electronic GmbH ...
2D14B-1U GAPTEC-2D14B-1U Datasheet
936Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated DIP PACKAGE
2S7A-1U GAPTEC-2S7A-1U Datasheet
924Kb / 5P
   2W Single Output - Fixed Input - Isolated & Unregulated SIP PACKAGE
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
A0505LT-2W RSG-A0505LT-2W Datasheet
121Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W DUAL OUTPUT UTRALMINIATURE SMD PACKAGE
logo
GAPTEC Electronic GmbH ...
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S4E GAPTEC-2S4E Datasheet
1Mb / 4P
   2W - Single Output - Fixed Input - Isolated & Unregulated MINIATURE SIP PACKAGE
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com