Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2371 Datasheet(PDF) 1 Page - NEC

Part # 2SK2371
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK2371 Datasheet(HTML) 1 Page - NEC

  2SK2371 Datasheet HTML 1Page - NEC 2SK2371 Datasheet HTML 2Page - NEC 2SK2371 Datasheet HTML 3Page - NEC 2SK2371 Datasheet HTML 4Page - NEC 2SK2371 Datasheet HTML 5Page - NEC 2SK2371 Datasheet HTML 6Page - NEC 2SK2371 Datasheet HTML 7Page - NEC 2SK2371 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOS FIELD EFFECT TRANSISTORS
2SK2371/2SK2372
DESCRIPTION
The 2SK2371/2SK2372 is N-Channel MOS Field Effect Transistor
designed for high voltage switching applications.
FEATURES
• Low On-Resistance
2SK2367: RDS(ON) = 0.25
Ω (VGS = 13 V, ID = 10 A)
2SK2368: RDS(ON) = 0.27
Ω (VGS = 13 V, ID = 10 A)
• Low Ciss
Ciss = 3600 pF TYP.
• High Avalanche Capability Ratings
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (2SK2371/2SK2372) VDSS
450/500
V
Gate to Source Voltage
VGSS
±30
V
Drain Current (DC)
ID(DC)
±25
A
Drain Current (pulse)*
ID(pulse)
±100
A
Total Power Dissipation (TC = 25
°C)
PT1
160
W
Total Power Dissipation (Ta = 25
°C)
PT2
3.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 ~ +150
°C
Single Avalanche Current**
IAS
25
A
Single Avalanche Energy**
EAS
446
mJ
* PW
≤ 10
µs, Duty Cycle ≤ 1 %
** Starting Tch = 25
°C, RG = 25 Ω, VGS = 20 V → 0
The diode connected between the gate and source of the transistor
serves as a protector against ESD. When this device is actually used,
an additional protection circuit is externally required if a voltage
exceeding the rated voltage may be applied to this device.
©
1995
DATA SHEET
Document No.
TC-2505
(O.D. No.
TC-8064
Date Published
January 1995 P
Printed in Japan
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Body
Diode
Source
Drain
Gate
3
3.2 ± 0.2
4.7 MAX.
1.5
2.8 ± 0.1
0.6 ± 0.1
1.0 ± 0.2
2.2 ± 0.2
5.45
5.45
15.7 MAX.
4
12
1. Gate
2. Drain
3. Source
4. Fin (Drain)
MP-88
PACKAGE DIMENSIONS
(in millimeters)


Similar Part No. - 2SK2371

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK2371 ISC-2SK2371 Datasheet
335Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK2371 RENESAS-2SK2371 Datasheet
364Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Similar Description - 2SK2371

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com