Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF2140A-1 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF2140A-1
Description  140.0 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF2140A-1 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF2140A-1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF2140A-1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF2140A-1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF2140A-1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF2140A-1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF2140A-1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 6
©2009 by RF Monolithics, Inc.
SF2140A-1 7/27/09
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
140.0
MHz
Maximum Insertion Loss at fC
IL
10.3
11.0
dB
1 dB Bandwidth
18.4
20.8
MHz
3 dB Bandwidth
19.6
21.4
MHz
35 dB Bandwidth
25.2
26.4
MHz
Passband Ripple, 130.8 to 149.2 MHz
0.8
1.0
dB
Group Delay Ripple, 130.8 to 149.2 MHz
115
160
ns
Absolute Group Delay
1.0
µs
Input VSWR, 130.8 to 149.2 MHz
1.7
2.8
dB
Output VSWR, 130.8 to 149.2 MHz
1.8
2.3
dB
Temperature Coefficient
ppm/°C
Attenuation Referenced to Insertion Loss at fC
10 to 90 MHz
35
49
dB
90 to 120 MHz
40
47
120 to 126.8 MHz
35
50
153.2 to 160 MHz
35
45
160 to 190 MHz
40
53
190 to 800 MHz
35
62
Source/Load Impedance
50
ohms
Case Style
SMP-53 13.3 X 6.5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week) See note 4
RFM SF2140A-1 YYWWS##
SMP-53
• Excellent Size-to-Performance Ratio
• Hermetic 13.3 X 6.5 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Input Power Level
+10
dBm
Storage Temperature Range
-40 to +85
°C
Operating Temperature Range
-30 to +80
°C
Suitable for Lead-free Soldering - Maximum Soldering Profile
260 °C for 30 s
140.0 MHz
SAW Filter
SF2140A-1
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance
matching to 50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external
impedance matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port
2, so that the filter must always be installed in one direction per the circuit design.
7.
US and international patents may apply.
8.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
Pb
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:


Similar Part No. - SF2140A-1

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2140A-1 RFM-SF2140A-1 Datasheet
644Kb / 6P
   Excellent Size-to-Performance Ratio
More results

Similar Description - SF2140A-1

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
250421B ITF-250421B Datasheet
199Kb / 2P
   140.0 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2140A MURATA-SF2140A Datasheet
97Kb / 5P
   140.0 MHz SAW Filter
logo
Integrated Technology F...
251302B ITF-251302B Datasheet
167Kb / 2P
   140.0 MHz SAW Filter
250111B ITF-250111B Datasheet
193Kb / 2P
   140.0 MHz SAW Filter
250308B ITF-250308B Datasheet
187Kb / 2P
   140.0 MHz SAW Filter
250510B ITF-250510B Datasheet
179Kb / 2P
   140.0 MHz SAW Filter
250607B ITF-250607B Datasheet
165Kb / 2P
   140.0 MHz SAW Filter
250009B ITF-250009B Datasheet
166Kb / 2P
   140.0 MHz SAW Filter
250154B ITF-250154B Datasheet
180Kb / 2P
   140.0 MHz SAW Filter
252302B ITF-252302B Datasheet
165Kb / 2P
   140.0 MHz SAW Filter
250802B ITF-250802B Datasheet
167Kb / 2P
   140.0 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com